Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL7520 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL7520
Description  Isolated Linear Sensing IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7520 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL7520 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
3750
Vrms
TA = 25
°C, RH < 50%
6
Withstand Voltage
Input-Output Resistance
RI-O
>109
Ω
VI-O = 500 V
Input-Output Capacitance
CI-O
1.4
pF
Freq = 1 MHz
Notes:
General Note: Typical values were taken from a sample of nominal units operating at nominal conditions (VDD1 = VDD2 = 5 V, VREF = 4.0 V,
Temperature = 25
°C) unless otherwise stated. Nominal plots shown from Figure 1 to 11 represented the drift of these nominal units from their
nominal operating conditions.
1. Input Offset Voltage is defined as the DC Input Voltage required to obtain an output voltage of VREF/2.
2. Gain is defined as the slope of the best-fit line of the output voltage vs. the differential input voltage (VIN+ - VIN-) over the specified input range.
Gain is derived from VREF/512 mV; e.g. VREF = 5.0, gain will be 9.77 V/V.
3. Nonlinearity is defined as half of the peak-to-peak output deviation from the best-fit gain line, expressed as a percentage of the full-scale output
voltage range.
4. NL200 is the nonlinearity specified over an input voltage range of
±200 mV.
5. NL100 is the nonlinearity specified over an input voltage range of
±100 mV.
6. In accordance with UL1577, each optocoupler is proof tested by applying an insulation test voltage
≥4500 Vrms for 1 second (leakage detection
current limit, II-O < 5
µA). This test is performed before the 100% production test for the partial discharge (method b) shown in
DIN EN 60747-5-2 Insulation Characteristic Table, if applicable.
7. CMRR is defined as the ratio of the differential signal gain (signal applied differentially between pins 2 and 3) to the common-mode gain (input
pins tied together and the signal applied to both inputs at the same time), expressed in dB.
Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol Min.
Typ.
Max.
Units
Test Conditions
Fig. Note
VIN to VOUT Signal Delay (50 – 10%) tPD10
2.2
4
µsVIN+ = 0 mV to 200 mV step
13
VIN to VOUT Signal Delay (50 – 50%) tPD50
3.4
5
µs
VIN to VOUT Signal Delay (50 – 90%)
tPD90
5.2
9.9
µs
VOUT Rise Time (10 – 90%)
tR
3.0
7
µs
VOUT Fall Time (10 – 90%)
tF
3.2
7
µs
VOUT Bandwidth (-3 dB)
BW
50
100
kHz
VIN+ = 200 mVpk-pk
14
VOUT Noise
NOUT
31.5
mVrms VIN+ = 0 V
Common Mode Transient
CMTI
10
15
kV/
µsTA = 25°C, VCM = 1000 V
15
Immunity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com