Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL7520 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL7520
Description  Isolated Linear Sensing IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7520 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
When laying out a PC board for
the current sensing resistors, a
couple of points should be kept
in mind. The Kelvin connections
to the resistor should be brought
together under the body of the
resistor and then run very close
to each other to the input of the
HCPL-7520; this minimizes the
loop area of the connection and
reduces the possibility of stray
magnetic fields from interfering
with the measured signal. If the
sense resistor is not located on the
same PC board as the HCPL-7520
circuit, a tightly twisted pair of
wires can accomplish the same
thing. Also, multiple layers of the
PC board can be used to increase
current carrying capacity.
Numerous plated-through vias
should surround each non-Kelvin
terminal of the sense resistor
to help distribute the current
between the layers of the PC
board. The PC board should use
2 or 4 oz. copper for the layers,
resulting in a current carrying
capacity in excess of 20 A.
Making the current carrying
traces on the PC board fairly
large can also improve the sense
resistor’s power dissipation
capability by acting as a heat sink.
Liberal use of vias where the load
current enters and exits the PC
board is also recommended.
Sense Resistor Connections
The recommended method for
connecting the HCPL-7520 to the
current sensing resistor is shown
in Figure 17. VIN+ (pin 2 of the
HPCL-7520) is connected to the
positive terminal of the sense
resistor, while VIN- (pin 3) is
shorted to GND1 (pin 4), with the
powersupply return path
functioning as the sense line to
the negative terminal of the
current sense resistor. This
allows a single pair of wires or
PC board traces to connect the
HCPL-7520 circuit to the sense
resistor. By referencing the input
circuit to the negative side of the
sense resistor, any load current
induced noise transients on the
resistor are seen as a common-
mode signal and will not
interfere with the current-sense
signal. This is important because
the large load currents flowing
through the motor drive, along
with the parasitic inductances
inherent in the wiring of the
circuit, can generate both noise
spikes and offsets that are relatively
large compared to the small
voltages that are being measured
across the current sensing resistor.
If the same power supply is used
both for the gate drive circuit
and for the current sensing
circuit, it is very important that
the connection from GND1 of the
HCPL-7520 to the sense resistor
be the only return path for supply
currenttothegatedrivepowersupply
inordertoeliminatepotentialground
loop problems. The only direct
connection between the
HCPL-7520 circuit and the gate
drive circuit should be the positive
power supply line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com