Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL7520 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL7520
Description  Isolated Linear Sensing IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7520 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL7520 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Figure 15. CMTI test circuit.
Figure 14. Bandwidth.
Figure 13. Propagation delay vs. temperature.
Figure 12. Propagation delay test circuit.
Figure 11. Nonlinearity vs. temperature.
Figure 10. Nonlinearity vs. supply voltage.
VDD – SUPPLY VOLTAGE – V
0.046
0.050
4.7
4.9
0.040
4.5
5.5
5.3
0.048
0.044
0.042
5.1
VDD1
VDD2
TA – TEMPERATURE – °C
0.07
-20
0.09
20
80
0.05
-40
100
040
60
0.06
0.08
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7520
5
2
4
0.1 µF
VREF
VDD1
VIN
0.1 µF
TA – TEMPERATURE – °C
3
-20
6
20
80
0
-40
100
040
60
2
5
4
1
Tp5010
Tp5050
Tp5090
Trise
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7520
5
2
4
78L05
IN OUT
0.1
µF
0.1
µF
9 V
PULSE GEN.
VCM
+
–
VREF
FREQUENCY – kHz
-1
-2
-5
100.0
-6
1
0.1
1000.0
-3
1.0
10.0
-4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com