Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL7520 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL7520
Description  Isolated Linear Sensing IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7520 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL7520 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL7520 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Application Information
Power Supplies and Bypassing
The recommended supply
connections are shown in Figure 16.
A floating power supply (which in
many applications could be the
same supply that is used to drive
the high-side power transistor) is
regulated to 5 V using a simple
zener diode (D1); the value of
resistor R4 should be chosen to
supply sufficient current from
the existing floating supply. The
voltage from the current sensing
resistor (Rsense) is applied to the
input of the HCPL-7520 through
an RC anti-aliasing filter (R2 and
C2). Although the application circuit
is relatively simple, a few recom-
mendations should be followed
to ensure optimal performance.
The power supply for the
HCPL -7520 is most often
obtained from the same supply
used to power the power
transistor gate drive circuit. If a
dedicated supply is required, in
many cases it is possible to add
an additional winding on an existing
transformer. Otherwise, some
sort of simple isolated supply can
be used, such as a line powered
transformer or a high-frequency
DC-DC converter.
An inexpensive 78L05 three-terminal
regulator can also be used to
reduce the floating supply voltage
to 5 V. To help attenuate high-
frequency power supply noise or
ripple, a resistor or inductor can be
used in series with the input of the
regulator to form a low-pass
filter with the regulator’s input
bypass capacitor.
Figure 16. Recommended supply and sense resistor connections.
+
-
MOTOR
HV-
HV+
RSENSE
GATE DRIVE
CIRCUIT
VDD1
VIN+
VIN-
GND1
HCPL-7520
C1
0.1 µF
C2
0.01 µF
R2
39
Ω
R4
D1
5.1 V
+
-
1
2
3
4
R1
FLOATING
POSITIVE
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com