Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS99C52 Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # HMS99C52
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS99C52 Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button HMS99C52 Datasheet HTML 18Page - Hynix Semiconductor HMS99C52 Datasheet HTML 19Page - Hynix Semiconductor HMS99C52 Datasheet HTML 20Page - Hynix Semiconductor HMS99C52 Datasheet HTML 21Page - Hynix Semiconductor HMS99C52 Datasheet HTML 22Page - Hynix Semiconductor HMS99C52 Datasheet HTML 23Page - Hynix Semiconductor HMS99C52 Datasheet HTML 24Page - Hynix Semiconductor HMS99C52 Datasheet HTML 25Page - Hynix Semiconductor HMS99C52 Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
HMS99C5X Series
18
Jan. 2003 Ver 1.0
TIMER / COUNTER 0 AND 1
Timer/Counter 0 and 1 can be used in four operating modes as listed in Table 4:
In the "timer" function (C/T = "0") the register is incremented every machine cycle. Therefore the count rate is
fOSC/12.
In the "counter" function the register is incremented in response to a 1-to-0 transition at its corresponding exter-
nal input pin (P3.4/T0, P3.5/T1). Since it takes two machine cycles to detect a falling edge the max. count rate
is fOSC/24. External inputs INT0 and INT1 (P3.2, P3.3) can be programmed to function as a gate to facilitate
pulse width measurements. Figure 4 illustrates the input clock logic.
Figure 4. Timer/Counter 0 and 1 Input Clock Logic
Table 4. Timer/Counter 0 and 1 Operating Modes
Mode
Description
TMOD
Input Clock
Gate
C/T
M1
M0
internal
external (Max.)
0
8-bit timer/counter with a
divide-by-32 prescaler
XX
0
0
fOSC ÷(12×32)
fOSC ÷(24×32)
1
16-bit timer/counter
X
X
0
1
fOSC ÷12
fOSC ÷24
2
8-bit timer/counter with
8-bit auto-reload
XX
1
0
fOSC ÷12
fOSC ÷24
3
Timer/counter 0 used as
one 8-bit timer/counter and
one 8-bit timer Timer 1
stops
XX
1
1
fOSC ÷12
fOSC ÷24
fOSC
÷ 12
TMOD
fOSC ÷ 12
P3.4/T0
P3.5/T1
Max. fOSC/24
C/T
=1
≥1
TCON
TR0 / 1
TMOD
Gate
&
P3.2 / INT0
P3.3 / INT1
Timer 0/1
Input Clock
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com