Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS99C52 Datasheet(PDF) 34 Page - Hynix Semiconductor

Part # HMS99C52
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS99C52 Datasheet(HTML) 34 Page - Hynix Semiconductor

Back Button HMS99C52 Datasheet HTML 30Page - Hynix Semiconductor HMS99C52 Datasheet HTML 31Page - Hynix Semiconductor HMS99C52 Datasheet HTML 32Page - Hynix Semiconductor HMS99C52 Datasheet HTML 33Page - Hynix Semiconductor HMS99C52 Datasheet HTML 34Page - Hynix Semiconductor HMS99C52 Datasheet HTML 35Page - Hynix Semiconductor HMS99C52 Datasheet HTML 36Page - Hynix Semiconductor HMS99C52 Datasheet HTML 37Page - Hynix Semiconductor HMS99C52 Datasheet HTML 38Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
HMS99C5X Series
30
Jan. 2003 Ver 1.0
AC Characteristics for HMS99C5X series (24MHz)
External Data Memory Characteristics
Advance Information (24MHz)
External Clock Drive
Parameter
Symbol
24 MHz Oscillator
Variable Oscillator
1/tCLCL = 3.5 to 24MHz
Unit
Min.
Max.
Min.
Max.
RD pulse width
tRLRH
180
-
6tCLCL-70
-
ns
WR pulse width
tWLWH
180
-
6tCLCL-70
-
ns
Address hold after ALE
tLLAX2
15
-
tCLCL-27
-
ns
RD to valid data in
tRLDV
-118
-
5tCLCL-90
ns
Data hold after RD
tRHDX
0-
0
-
ns
Data float after RD
tRHDZ
-63
-
2tCLCL-20
ns
ALE to valid data in
tLLDV
-200
-
8tCLCL-133
ns
Address to valid data in
tAVDV
-220
-
9tCLCL-155
ns
ALE to WR or RD
tLLWL
75
175
3tCLCL-50
3tCLCL+50
ns
Address valid to WR or RD
tAVWL
67
-
4tCLCL-97
-
ns
WR or RD high to ALE high
tWHLH
17
67
tCLCL-25
tCLCL+25
ns
Data valid to WR transition
tQVWX
5-
tCLCL-37
-
ns
Data setup before WR
tQVWH
170
-
7tCLCL-122
-
ns
Data hold after WR
tWHQX
15
-
tCLCL-27
-
ns
Address float after RD
tRLAZ
-0
-
0
ns
Parameter
Symbol
Variable Oscillator
(Freq. = 3.5 to 24MHz)
Unit
Min.
Max.
Oscillator period
tCLCL
41.7
285.7
ns
High time
tCHCX
12
tCLCL - tCLCX
ns
Low time
tCLCX
12
tCLCL - tCHCX
ns
Rise time
tCLCH
-12
ns
Fall time
tCHCL
-12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com