Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS99C52 Datasheet(PDF) 31 Page - Hynix Semiconductor

Part # HMS99C52
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS99C52 Datasheet(HTML) 31 Page - Hynix Semiconductor

Back Button HMS99C52 Datasheet HTML 27Page - Hynix Semiconductor HMS99C52 Datasheet HTML 28Page - Hynix Semiconductor HMS99C52 Datasheet HTML 29Page - Hynix Semiconductor HMS99C52 Datasheet HTML 30Page - Hynix Semiconductor HMS99C52 Datasheet HTML 31Page - Hynix Semiconductor HMS99C52 Datasheet HTML 32Page - Hynix Semiconductor HMS99C52 Datasheet HTML 33Page - Hynix Semiconductor HMS99C52 Datasheet HTML 34Page - Hynix Semiconductor HMS99C52 Datasheet HTML 35Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
HMS99C5X Series
Jan. 2003 Ver 1.0
27
AC Characteristics
Explanation of the AC Symbols
Each timing symbol has 5 characters. The first character is always a ‘t’ (stand for time). The other characters,
depending on their positions, stand for the name of a signal or the logical status of that signal. The following is
a list of all the characters and what they stand for.
AC Characteristics for HMS99C5X series (12MHz version)
External Program Memory Characteristics
† Interfacing the HMS99C5X series to devices with float times up to 75 ns is permissible. This limited bus contention will not
cause any damage to port 0 Drivers.
VCC= 5V :
VCC= 5V + 10%, − 15%; VSS= 0V; TA= -40°C to 85°C
(CL for port 0. ALE and PSEN outputs = 100pF; CL for all other outputs = 80pF)
Variable clock :
Vcc = 5V : 1/tCLCL = 3.5 MHz to 12 MHz
Parameter
Symbol
12 MHz Oscillator
Variable Oscillator
1/tCLCL = 3.5 to 12MHz
Unit
Min.
Max.
Min.
Max.
ALE pulse width
tLHLL
127
-
2tCLCL-40
-
ns
Address setup to ALE
tAVLL
43
-
tCLCL-40
-
ns
Address hold after ALE
tLLAX
30
-
tCLCL-53
-
ns
ALE low to valid instruction in
tLLIV
-233
-
4tCLCL-100
ns
ALE to PSEN
tLLPL
58
-
tCLCL-25
-
ns
PSEN pulse width
tPLPH
215
-
3tCLCL-35
-
ns
PSEN to valid instruction in
tPLIV
-150
-
3tCLCL-100
ns
Input instruction hold after PSEN
tPXIX
0-
0
-
ns
Input instruction float after PSEN
tPXIZ †
-63
-
tCLCL-20
ns
Address valid after PSEN
tPXAV †
75
-
tCLCL-8
-
ns
Address to valid instruction in
tAVIV
-302
-
5tCLCL-115
ns
Address float to PSEN
tAZPL
0-
0
-
ns
A: Address
C: Clock
D: Input Data
H: Logic level HIGH
I: Instruction (program memory contents)
L: Logic level LOW, or ALE
P: PSEN
Q: Output Data
R: RD signal
T: Time
V: Valid
W: WR signal
X: No longer a valid logic level
Z: Float
For example,
tAVLL = Time from Address Valid to ALE Low
tLLPL = Time from ALE Low to PSEN Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com