Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMS99C52 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # HMS99C52
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS99C52 Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button HMS99C52 Datasheet HTML 29Page - Hynix Semiconductor HMS99C52 Datasheet HTML 30Page - Hynix Semiconductor HMS99C52 Datasheet HTML 31Page - Hynix Semiconductor HMS99C52 Datasheet HTML 32Page - Hynix Semiconductor HMS99C52 Datasheet HTML 33Page - Hynix Semiconductor HMS99C52 Datasheet HTML 34Page - Hynix Semiconductor HMS99C52 Datasheet HTML 35Page - Hynix Semiconductor HMS99C52 Datasheet HTML 36Page - Hynix Semiconductor HMS99C52 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
HMS99C5X Series
Jan. 2003 Ver 1.0
29
AC Characteristics for HMS99C5X series (24MHz version)
VCC= 5V + 10%, −15%; VSS= 0V; TA= -40°C to 85°C
(CL for port 0. ALE and PSEN outputs = 100pF; CL for all other outputs = 80pF)
External Program Memory Characteristics
† Interfacing the HMS99C5X series to devices with float times up to 35 ns is permissible. This limited bus contention will not
cause any damage to port 0 Drivers.
Parameter
Symbol
24 MHz Oscillator
Variable Oscillator
1/tCLCL = 3.5 to 24MHz
Unit
Min.
Max.
Min.
Max.
ALE pulse width
tLHLL
43
-
2tCLCL-40
-
ns
Address setup to ALE
tAVLL
17
-
tCLCL-25
-
ns
Address hold after ALE
tLLAX
17
-
tCLCL-25
-
ns
ALE low to valid instruction in
tLLIV
-80
-
4tCLCL-87
ns
ALE to PSEN
tLLPL
22
-
tCLCL-20
-
ns
PSEN pulse width
tPLPH
95
-
3tCLCL-30
-
ns
PSEN to valid instruction in
tPLIV
-60
-
3tCLCL-65
ns
Input instruction hold after PSEN
tPXIX
0-
0
-
ns
Input instruction float after PSEN
tPXIZ †
-32
-
tCLCL-10
ns
Address valid after PSEN
tPXAV †
37
-
tCLCL-5
-
ns
Address to valid instruction in
tAVIV
-148
-
5tCLCL-60
ns
Address float to PSEN
tAZPL
0-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com