Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LR331M200H012 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 381LR331M200H012
Description  Ultra-High Ripple Capabilities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LR331M200H012 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  381LR331M200H012 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ratings
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LR 105 °C Highest Ripple, Snap-In Aluminum
Ultra-High Ripple Capabilities
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz
20 kHz
120 Hz 20 kHz
D x L
(ohms)
(ohms)
(A)
(A)
(mm)
200 Vdc (250 Vdc Surge)
330
381LR331M200H012
0.603
0.271
1.25
1.79
22 x 25
390
381LR391M200H022
0.510
0.229
1.35
1.93
22 x 30
470
381LR471M200H032
0.423
0.191
1.50
2.14
22 x 35
470
381LR471M200J022
0.317
0.143
1.85
2.64
25 x 30
560
381LR561M200H042
0.355
0.180
1.67
2.38
22 x 40
680
381LR681M200J032
0.293
0.132
1.72
2.45
25 x 35
680
381LR681M200K022
0.219
0.099
2.42
3.45
30 x 30
820
381LR821M200J042
0.243
0.109
0.20
2.92
25 x 40
820
381LR821M200K022
0.182
0.082
2.63
3.76
30 x 30
1000
381LR102M200J452
0.149
0.067
2.84
4.06
25 x 45
1000
381LR102M200J052
0.199
0.090
2.42
3.46
25 x 50
1000
381LR102M200K032
0.149
0.067
2.84
4.06
30 x 35
1200
381LR122M200J052
0.166
0.083
2.63
3.76
25 x 50
1200
381LR122M200K042
0.124
0.062
3.13
4.47
30 x 40
1200
381LR122M200A032
0.124
0.062
3.13
4.47
35 x 35
1500
381LR152M200K052
0.099
0.050
3.56
5.06
30 x 50
1500
381LR152M200A042
0.099
0.050
3.56
5.06
35 x 40
1800
381LR182M200A452
0.083
0.041
3.84
5.48
35 x 45
2200
381LR222M200A052
0.066
0.040
4.12
5.89
35 x 50
250 Vdc (300 Vdc Surge)
220
381LR221M250H012
0.905
0.407
1.00
1.43
22 x 25
270
381LR271M250H022
0.737
0.332
1.18
1.69
22 x 30
330
381LR331M250H022
0.603
0.271
1.30
1.65
22 x 30
390
381LR391M250J032
0.510
0.229
1.49
2.12
25 x 35
470
381LR471M250J032
0.423
0.191
1.65
2.35
25 x 35
470
381LR471M250K022
0.317
0.143
1.85
2.64
30 x 30
560
381LR561M250J032
0.355
0.160
1.80
2.57
25 x 35
560
381LR561M250K022
0.266
0.120
2.14
3.05
30 x 30
680
381LR681M250H052
0.219
0.099
2.42
3.45
22 x 50
680
381LR681M250J452
0.293
0.132
2.00
2.85
25 x 45
680
381LR681M250K032
0.219
0.099
2.42
3.45
30 x 35
820
381LR821M250K042
0.182
0.082
2.63
3.76
30 x 40
820
381LR821M250A032
0.182
0.082
2.63
3.76
35 x 35
1000
381LR102M250K052
0.149
0.067
2.84
4.06
30 x 50
1000
381LR102M250A042
0.149
0.067
2.84
4.06
35 x 40
1200
381LR122M250A452
0.124
0.062
3.13
4.47
35 x 45
1500
381LR152M250A052
0.099
0.050
3.56
5.06
35 x 50
400 Vdc (450 Vdc Surge)
82
381LR820M400H012
2.440
0.853
0.55
0.80
22 x 25
100
381LR101M400H012
1.990
0.700
0.50
0.70
22 x 25
100
381LR101M400H022
1.326
0.700
0.50
0.70
22 x 30
100
381LR101M400J012
1.326
0.597
0.91
1.30
25 x 25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com