Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LR331M200H012 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 381LR331M200H012
Description  Ultra-High Ripple Capabilities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LR331M200H012 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  381LR331M200H012 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz
20 kHz
120 Hz 20 kHz
D x L
(ohms)
(ohms)
(A)
(A)
(mm)
400 Vdc (450 Vdc Surge)
120
381LR121M400H022
1.659
0.746
0.70
0.98
22 x 30
150
381LR151M400H032
1.327
0.464
0.80
1.10
22 x 35
180
381LR181M400J032
1.106
0.500
0.95
1.33
25 x 35
180
381LR181M400K022
0.737
0.322
1.12
1.60
30 x 30
220
381LR221M400H452
0.905
0.407
1.00
1.40
22 x 45
220
381LR221M400J042
0.603
0.271
1.42
2.03
25 x 40
220
381LR221M400K022
0.603
0.271
1.42
2.03
30 x 30
220
381LR221M400A012
0.603
0.271
1.42
2.03
35 x 25
270
381LR271M400H452
0.603
0.271
1.42
2.03
22 x 45
270
381LR271M400K022
0.737
0.332
1.22
1.71
30 x 30
270
381LR271M400K032
0.491
0.221
1.56
2.23
30 x 35
330
381LR331M400K032
0.603
0.272
1.39
1.95
30 x 35
330
381LR331M400K042
0.402
0.181
1.71
2.44
30 x 40
330
381LR331M400A022
0.402
0.181
1.71
2.44
35 x 30
390
381LR391M400J452
0.340
0.153
1.85
2.64
25 x 45
390
381LR391M400K452
0.340
0.153
1.85
2.64
30 x 45
390
381LR391M400A032
0.340
0.153
1.85
2.64
35 x 35
470
381LR471M400A042
0.282
0.127
2.01
2.87
35 x 40
560
381LR561M400A452
0.237
0.107
2.35
3.36
35 x 45
420 Vdc (470 Vdc Surge)
68
381LR680M420H012
2.930
1.320
0.56
0.80
22 x 25
82
381LR820M420H012
2.430
1.090
0.64
0.91
22 x 25
100
381LR101M420H012
1.990
0.900
0.70
1.00
22 x 25
120
381LR121M420H022
1.660
0.750
0.70
1.00
22 x 30
180
381LR181M420K022
0.737
0.332
1.12
1.60
30 x 30
220
381LR221M420H452
0.900
0.410
1.05
1.51
22 x 45
220
381LR221M420K032
0.603
0.271
1.42
2.03
30 x 35
270
381LR271M420J452
0.740
0.330
1.20
1.71
25 x 45
270
381LR271M420K042
0.491
0.221
1.68
2.40
30 x 40
330
381LR331M420A032
0.402
0.181
1.78
2.54
35 x 35
330
381LR331M420K452
0.402
0.181
1.78
2.54
30 x 45
390
381LR391M420K052
0.340
0.153
1.91
2.73
30 x 50
390
381LR391M420A042
0.340
0.153
1.91
2.73
35 x 40
470
381LR471M420A452
0.282
0.127
2.23
3.18
35 x 45
450 Vdc (500 Vdc Surge)
56
381LR560M450H012
3.550
1.600
0.50
0.71
22 x 25
68
381LR680M450H012
2.930
1.320
0.53
0.75
22 x 25
82
381LR820M450H012
1.617
0.728
0.80
1.01
22 x 25
82
381LR820M450H022
2.430
1.090
0.64
0.91
22 x 30
100
381LR101M450H022
1.990
0.900
0.70
1.00
22 x 30
100
381LR101M450J022
1.326
0.597
0.91
1.30
25 x 30
120
381LR121M450H032
1.660
0.750
0.80
1.15
22 x 35
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LR 105 °C Highest Ripple, Snap-In Aluminum
Ultra-High Ripple Capabilities



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com