Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LR331M200H012 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 381LR331M200H012
Description  Ultra-High Ripple Capabilities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LR331M200H012 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  381LR331M200H012 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
0
5
10
15
20
25
30
35
-1
0
1
2
3
4
5
6
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life Test 105 ⁰C, Full Load, 220 µF, 400 Vdc
Capacitance, DF, Leakage Current
DF
DCL
C
Cap.
Catalog
Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +105°C
Size
120 Hz
20 kHz
120 Hz 20 kHz
D x L
(uF)
(ohms)
(ohms)
(A)
(A)
(mm)
450 Vdc (500 Vdc Surge)
150
381LR151M450H032
1.327
0.594
0.88
1.26
22 x 35
150
381LR151M450J022
1.330
0.464
0.830
1.04
25 x 30
150
381LR151M450J042
0.884
0.396
1.07
1.53
25 x 40
150
381LR151M450K022
0.884
0.396
1.07
1.53
30 x 30
180
381LR181M450H042
1.110
0.500
1.00
1.43
22 x 40
180
381LR181M450K022
0.737
0.332
1.12
1.60
30 x 30
220
381LR221M450J042
0.603
0.271
1.42
2.03
25 x 40
220
381LR221M450K032
0.603
0.271
1.42
2.03
30 x 35
220
381LR221M450A022
0.603
0.271
1.42
2.03
35 x 30
270
381LR271M450K042
0.491
0.221
1.72
2.45
30 x 40
270
381LR271M450A032
0.491
0.221
1.72
2.45
35 x 35
330
381LR331M450K052
0.402
0.181
1.85
2.64
30 x 50
330
381LR331M450A042
0.402
0.181
1.85
2.64
35 x 40
390
381LR391M450A042
0.340
0.153
1.97
2.82
35 x 40
470
381LR471M450A052
0.282
0.127
2.47
3.53
35 x 50
Typical Performance Curves
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type 381LR 105 °C Highest Ripple, Snap-In Aluminum
Ultra-High Ripple Capabilities
0
10
20
30
40
50
60
70
80
-1
0
1
2
3
4
5
6
7
0
500
1000
1500
2000
Hours @ Rated Max Temp, Voltage, Ripple
Life Test 105 ⁰C, Full Load, 330 µF, 400 Vdc
Capacitance, DF, Leakage Current
DF
DCL
C
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
Rated Ripple-Current Multiple
Type 381LR Operating Life in Kilohours vs Ripple Current
45 ºC
55 ºC
65 ºC
75
ºC
85 ºC
95 ºC
105 ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com