Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381LR331M200H012 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 381LR331M200H012
Description  Ultra-High Ripple Capabilities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LR331M200H012 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  381LR331M200H012 Datasheet HTML 1Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 2Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 3Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 4Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 5Page - Cornell Dubilier Electronics 381LR331M200H012 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Type 381LR 105 °C Highest Ripple, Snap-In Aluminum
Ultra-High Ripple Capabilities
Compared to standard 105 °C snap-ins like the Type 381L/LX
Type 381LR can handle an extra 25% ripple current or more.
This remarkable capability stems from advances in electrolyte
that give extremely low ESR values.In high ripple current
applications like motor drives you can save by using fewer
capacitors.
Highlights
- The right choice for motor drive bus capacitors
- The right choice for UPS bus capacitors
- Compare to Type 381L
- Up to 2 times the ripple current
Specifications
Temperature Range
–40 °C to + 105 °C ≤ 315 Vdc
–25 °C to + 105 °C ≥ 350 Vdc
Rated Voltage Range
200 Vdc to 450 Vdc
Capacitance Range
56 µF to 2,200 µF
Capacitance Tolerance
± 20%
Leakage Current
≤3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
Impedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 3 (200–450Vdc)
Endurance Life Test
3000 h at full load at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
1000 h at 105 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
RoHS Compliant
Frequency
45 ºC
60 ºC
70 ºC
85 ºC
105 ºC
2.35
2.20
2.00
1.70
1.00
50 Hz 60 Hz 120 Hz 500 kHz 1 kHz
10
kHz &
Up
0.75
0.80
1.00
1.20
1.25
1.40
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 381LR331M200H012

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LR331M200H012 CDE-381LR331M200H012 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
More results

Similar Description - 381LR331M200H012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
381LR ETC2-381LR Datasheet
214Kb / 3P
105 째C Ultra-High-Ripple Snap-in
logo
Cornell Dubilier Electr...
381LR CDE-381LR Datasheet
214Kb / 3P
Ultra-High-Ripple Snap-in More Ripple Current Capability
550C CDE-550C Datasheet
390Kb / 7P
Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
logo
Seiko Instruments Inc
S1167 SII-S1167 Datasheet
1Mb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
High surge current capabilities
25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
High surge current capabilities
13-May-15
logo
C&K Components
KMR7 CK-COMPONENTS-KMR7 Datasheet
175Kb / 2P
Ultra low current capabilities
logo
Cornell Dubilier Electr...
330 CDE-330_15 Datasheet
470Kb / 6P
High Ripple and Ultra-Long Life
381LR CDE-381LR_14 Datasheet
900Kb / 6P
Ultra-High Ripple Capabilities
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
High voltage surge capabilities
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com