Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 18Page - Texas Instruments TLC2272AMFKB Datasheet HTML 19Page - Texas Instruments TLC2272AMFKB Datasheet HTML 20Page - Texas Instruments TLC2272AMFKB Datasheet HTML 21Page - Texas Instruments TLC2272AMFKB Datasheet HTML 22Page - Texas Instruments TLC2272AMFKB Datasheet HTML 23Page - Texas Instruments TLC2272AMFKB Datasheet HTML 24Page - Texas Instruments TLC2272AMFKB Datasheet HTML 25Page - Texas Instruments TLC2272AMFKB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
g
OUT
S
Load
R
V
R
I
R
=
´
´
1
1
2
g
g
g
2
OUT
BAT
S
Load
1
1
2
2
R
1
R
R
R
1
2 R
R
R
R
R
V
V
R
I
R
R
R
1
1
R
R
æ
ö
æ
ö
ç
÷
+
+
ç
÷
-
ç
÷
ç
÷
è
ø
=
´
+
´
´
ç
÷
ç
÷
+
+
ç
÷
ç
÷
è
ø
1
1
2
g
g
g
2
1
2
OUT
1
2
1
1
2
2
R
1
R
R
R
1
2 R
R
R
R
R
V
V
V
(V
V )
R
R
R
2
1
1
R
R
æ
ö
æ
ö
ç
÷
+
+
ç
÷
-
ç
÷
ç
÷
+
è
ø
=
´
+
-
ç
÷
ç
÷
+
+
ç
÷
ç
÷
è
ø
_
+
RS
V1
V2
VBAT
R1
VOUT
ILOAD
ILOUD
R2
0.1 µF
R
Rg
47 k
22
TLC2272AM-MIL
SLOS984 – JUNE 2017
www.ti.com
Product Folder Links: TLC2272AM-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.2 Typical Application
8.2.1 High-Side Current Monitor
Figure 54. Equivalent Schematic (Each Amplifier)
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 3 as the input parameters.
Table 3. Design Parameters
PARAMETER
VALUE
VBAT
Battery voltage
12 V
RSENSE
Sense resistor
0.1 Ω
ILOAD
Load current
0 A to 10 A
Operational amplifier
Set in differential configuration with gain = 10
8.2.1.2 Detailed Design Procedure
This circuit is designed for measuring the high-side current in automotive body control modules with a 12-V
battery or similar applications. The operational amplifier is set as differential with an external resistor network.
8.2.1.2.1
Differential Amplifier Equations
Equation 1 and Equation 2 are used to calculate VOUT.
(1)
(2)
In an ideal case R1 = R and R2 = Rg, and VOUT can then be calculated using Equation 3:
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com