Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 6Page - Texas Instruments TLC2272AMFKB Datasheet HTML 7Page - Texas Instruments TLC2272AMFKB Datasheet HTML 8Page - Texas Instruments TLC2272AMFKB Datasheet HTML 9Page - Texas Instruments TLC2272AMFKB Datasheet HTML 10Page - Texas Instruments TLC2272AMFKB Datasheet HTML 11Page - Texas Instruments TLC2272AMFKB Datasheet HTML 12Page - Texas Instruments TLC2272AMFKB Datasheet HTML 13Page - Texas Instruments TLC2272AMFKB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
TLC2272AM-MIL
SLOS984 – JUNE 2017
www.ti.com
Product Folder Links: TLC2272AM-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For all graphs where VDD = 5 V, all loads are referenced to 2.5 V.
(2)
Data at high and low temperatures are applicable only within the rated operating ambient temperature range of the device.
6.7 Typical Characteristics
Table 1. Table of Graphs
FIGURE(1)
VIO
Input offset voltage
Distribution
1, 2
vs Common-mode voltage
3, 4
αVIO
Input offset voltage temperature coefficient
Distribution
5, 6 (2)
IIB / IIO
Input bias and input offset current
vs ambient temperature
7(2)
VI
Input voltage
vs Supply voltage
8
vs ambient temperature
9(2)
VOH
High-level output voltage
vs High-level output current
10(2)
VOL
Low-level output voltage
vs Low-level output current
11, 12(2)
VOM+
Maximum positive peak output voltage
vs Output current
13(2)
VOM-
Maximum negative peak output voltage
vs Output current
14(2)
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
15
IOS
Short-circuit output current
vs Supply voltage
16
vs ambient temperature
17(2)
VO
Output voltage
vs Differential input voltage
18, 19
AVD
Large-signal differential voltage amplification
vs Load resistance
20
Large-signal differential voltage amplification and phase margin
vs Frequency
21, 22
Large-signal differential voltage amplification
vs ambient temperature
23(2), 24(2)
z0
Output impedance
vs Frequency
25, 26
CMRR
Common-mode rejection ratio
vs Frequency
27
vs ambient temperature
28
kSVR
Supply-voltage rejection ratio
vs Frequency
29, 30
vs ambient temperature
31(2)
IDD
Supply current
vs Supply voltage
32(2), (2)
vs ambient temperature
33(2), (2)
SR
Slew rate
vs Load Capacitance
34
vs ambient temperature
35(2)
VO
Inverting large-signal pulse response
36, 37
Voltage-follower large-signal pulse response
38, 39
Inverting small-signal pulse response
40, 41
Voltage-follower small-signal pulse response
42, 43
Vn
Equivalent input noise voltage
vs Frequency
44, 45
Noise voltage over a 10-second period
46
Integrated noise voltage
vs Frequency
47
THD+N
Total harmonic distortion + noise
vs Frequency
48
Gain-bandwidth product
vs Supply voltage
49
vs ambient temperature
50(2)
φm
Phase margin
vs Load capacitance
51
Gain margin
vs Load capacitance
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com