Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 8Page - Texas Instruments TLC2272AMFKB Datasheet HTML 9Page - Texas Instruments TLC2272AMFKB Datasheet HTML 10Page - Texas Instruments TLC2272AMFKB Datasheet HTML 11Page - Texas Instruments TLC2272AMFKB Datasheet HTML 12Page - Texas Instruments TLC2272AMFKB Datasheet HTML 13Page - Texas Instruments TLC2272AMFKB Datasheet HTML 14Page - Texas Instruments TLC2272AMFKB Datasheet HTML 15Page - Texas Instruments TLC2272AMFKB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
IOL − Low-Level Output Current − mA
0.6
0.4
0.2
0
0
1
2
3
0.8
4
1
1.2
5
6
1.4
VDD = 5 V
VIC = 2.5 V
TA = 125°C
TA = 25°C
TA = − 55°C
0.6
0.4
0.2
0
0
1
2
3
0.8
4
5
VDD = 5 V
TA = 25°C
IOL − Low-Level Output Current − mA
VIC = 1.25 V
1
1.2
VIC = 2.5 V
VIC = 0 V
IOH − High-Level Output Current − mA
4
2
1
0
6
3
0
1
2
3
4
5
VDD = 5 V
TA = 125°C
TA = − 55°C
TA = 25°C
−75
− 25
0
25
50
75
100
125
2
1
0
−1
3
4
5
TA − Free-Air Temperature − °C
|VIO| ≤ 5 mV
VDD = 5 V
− 50
15
10
5
0
25
45
65
85
20
25
30
105
125
TA − Free-Air Temperature − °C
35
VDD = ± 2.5 V
VIC = 0 V
VO = 0 V
RS = 50 Ω
IIB
IIO
0
− 2
− 6
− 8
− 10
8
− 4
2
3
4
5
6
7
8
4
2
6
10
|VDD ±| − Supply Voltage − V
TA = 25°C
RS = 50 Ω
|VIO| ≤ 5 mV
12
12
TLC2272AM-MIL
SLOS984 – JUNE 2017
www.ti.com
Product Folder Links: TLC2272AM-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 7. Input Bias and Input Offset Current vs
Ambient Temperature
Figure 8. Input Voltage vs Supply Voltage
Figure 9. Input Voltage vs Ambient Temperature
Figure 10. High-Level Output Voltage vs
High-Level Output Current
Figure 11. Low-Level Output Voltage vs
Low-Level Output Current
Figure 12. Low-Level Output Voltage vs
Low-Level Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com