Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2272AMFKB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2272AMFKB
Description  Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2272AMFKB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC2272AMFKB Datasheet HTML 7Page - Texas Instruments TLC2272AMFKB Datasheet HTML 8Page - Texas Instruments TLC2272AMFKB Datasheet HTML 9Page - Texas Instruments TLC2272AMFKB Datasheet HTML 10Page - Texas Instruments TLC2272AMFKB Datasheet HTML 11Page - Texas Instruments TLC2272AMFKB Datasheet HTML 12Page - Texas Instruments TLC2272AMFKB Datasheet HTML 13Page - Texas Instruments TLC2272AMFKB Datasheet HTML 14Page - Texas Instruments TLC2272AMFKB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
15
10
5
0
−1
0
1
20
25
2
3
4
5
αVIO − Temperature Coefficient − µ °
V/ C
128 Amplifiers From
2 Wafer Lots
VDD = ± 2.5 V
P Package
25°C to 125°C
− 5 − 4
− 3
− 2
− 5 − 4
− 3
− 2
15
10
5
0
−1
0
1
20
25
2
3
4
5
αVIO − Temperature Coefficient − µ °
V/ C
128 Amplifiers From
2 Wafer Lots
VDD = ± 5 V
P Package
25°C to 125°C
0.5
0
−1
−1
0
1
1
2
3
4
5
VIC − Common-Mode Voltage − V
VDD = 5 V
TA = 25°C
RS = 50 Ω
− 0.5
0.5
0
−1
−1
0
1
1
2
3
4
5
VIC − Common-Mode Voltage − V
− 0.5
VDD = ± 5 V
TA = 25°C
RS = 50 Ω
− 6 − 5 − 4 − 3 − 2
VIO − Input Offset Voltage − mV
10
5
0
20
15
−1.6
−1.2
0
0.4
0.8
1.2
1.6
891 Amplifiers From
− 0.8 − 0.4
2 Wafer Lots
VDD = ± 2.5 V
TA = 25°C
VIO − Input Offset Voltage − mV
10
5
0
20
15
−1.6
−1.2
0
0.4
0.8
1.2
1.6
− 0.8 − 0.4
891 Amplifiers From
2 Wafer Lots
VDD = ± 5 V
TA = 25°C
11
TLC2272AM-MIL
www.ti.com
SLOS984 – JUNE 2017
Product Folder Links: TLC2272AM-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 1. Distribution of Input Offset Voltage
Figure 2. Distribution of Input Offset Voltage
Figure 3. Input Offset Voltage vs Common-Mode Voltage
Figure 4. Input Offset Voltage vs Common-Mode Voltage
Figure 5. Distribution of Amplifiers vs
Input Offset Voltage Temperature Coefficient
Figure 6. Distribution of Amplifiers vs
Input Offset Voltage Temperature Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com