Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM833MM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM833MM
Description  Dual Audio Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM833MM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM833MM Datasheet HTML 1Page - National Semiconductor (TI) LM833MM Datasheet HTML 2Page - National Semiconductor (TI) LM833MM Datasheet HTML 3Page - National Semiconductor (TI) LM833MM Datasheet HTML 4Page - National Semiconductor (TI) LM833MM Datasheet HTML 5Page - National Semiconductor (TI) LM833MM Datasheet HTML 6Page - National Semiconductor (TI) LM833MM Datasheet HTML 7Page - National Semiconductor (TI) LM833MM Datasheet HTML 8Page - National Semiconductor (TI) LM833MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Design Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 3: If supply voltage is less than ±15V, it is equal to supply voltage.
Note 4: This is the permissible value at TA ≤ 85˚C.
Note 5: Human body model, 1.5 k
Ω in series with 100 pF.
Typical Performance Characteristics
Maximum Power
Dissipation
vs Ambient Temperature
Input Bias Current vs
Ambient Temperature
00521804
00521805
Input Bias Current vs
Supply Voltage
Supply Current vs
Supply Voltage
00521806
00521807
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com