Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM833MM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM833MM
Description  Dual Audio Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM833MM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM833MM Datasheet HTML 4Page - National Semiconductor (TI) LM833MM Datasheet HTML 5Page - National Semiconductor (TI) LM833MM Datasheet HTML 6Page - National Semiconductor (TI) LM833MM Datasheet HTML 7Page - National Semiconductor (TI) LM833MM Datasheet HTML 8Page - National Semiconductor (TI) LM833MM Datasheet HTML 9Page - National Semiconductor (TI) LM833MM Datasheet HTML 10Page - National Semiconductor (TI) LM833MM Datasheet HTML 11Page - National Semiconductor (TI) LM833MM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical Performance Characteristics (Continued)
Inverting Amp
00521826
Application Hints
The LM833 is a high speed op amp with excellent phase
margin and stability. Capacitive loads up to 50 pF will cause
little change in the phase characteristics of the amplifiers
and are therefore allowable.
Capacitive loads greater than 50 pF must be isolated from
the output. The most straightforward way to do this is to put
a resistor in series with the output. This resistor will also
prevent excess power dissipation if the output is accidentally
shorted.
Noise Measurement Circuit
00521827
Complete shielding is required to prevent induced pick up from external sources. Always check with oscilloscope for power line noise.
Total Gain: 115 dB @f=1 kHz
Input Referred Noise Voltage: e
n = V0/560,000 (V)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com