Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM833MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM833MM
Description  Dual Audio Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM833MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM833MM Datasheet HTML 1Page - National Semiconductor (TI) LM833MM Datasheet HTML 2Page - National Semiconductor (TI) LM833MM Datasheet HTML 3Page - National Semiconductor (TI) LM833MM Datasheet HTML 4Page - National Semiconductor (TI) LM833MM Datasheet HTML 5Page - National Semiconductor (TI) LM833MM Datasheet HTML 6Page - National Semiconductor (TI) LM833MM Datasheet HTML 7Page - National Semiconductor (TI) LM833MM Datasheet HTML 8Page - National Semiconductor (TI) LM833MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM833
Dual Audio Operational Amplifier
General Description
The LM833 is a dual general purpose operational amplifier
designed with particular emphasis on performance in audio
systems.
This dual amplifier IC utilizes new circuit and processing
techniques to deliver low noise, high speed and wide band-
width without increasing external components or decreasing
stability. The LM833 is internally compensated for all closed
loop gains and is therefore optimized for all preamp and high
level stages in PCM and HiFi systems.
The LM833 is pin-for-pin compatible with industry standard
dual operational amplifiers.
Features
j Wide dynamic range:
>140dB
j Low input noise
voltage:
4.5nV/
√Hz
j High slew rate:
7 V/µs (typ); 5V/µs (min)
j High gain bandwidth:
15MHz (typ); 10MHz (min)
j Wide power bandwidth:
120KHz
j Low distortion:
0.002%
j Low offset voltage:
0.3mV
j Large phase margin:
60˚
j Available in 8 pin MSOP
package
Schematic Diagram (1/2 LM833)
00521801
January 2003
© 2004 National Semiconductor Corporation
DS005218
www.national.com


Similar Part No. - LM833MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM833MM TI1-LM833MM Datasheet
1Mb / 24P
LM833-N Dual Audio Operational Amplifier
LM833MM/NOPB TI1-LM833MM/NOPB Datasheet
1Mb / 24P
LM833-N Dual Audio Operational Amplifier
LM833MMX/NOPB TI1-LM833MMX/NOPB Datasheet
1Mb / 24P
LM833-N Dual Audio Operational Amplifier
More results

Similar Description - LM833MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4580 TI-RC4580 Datasheet
230Kb / 10P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560 Datasheet
84Kb / 5P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_06 Datasheet
235Kb / 12P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI-RC4580_07 Datasheet
295Kb / 15P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
DUAL AUDIO OPERATIONAL AMPLIFIER
LM833-N TI1-LM833-N Datasheet
830Kb / 23P
Dual Audio Operational Amplifier
RC4580-Q1 TI1-RC4580-Q1 Datasheet
1,009Kb / 16P
DUAL AUDIO OPERATIONAL AMPLIFIER
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
AUDIO DUAL OPERATIONAL AMPLIFIER
NJM8080 NJRC-NJM8080 Datasheet
609Kb / 17P
DUAL AUDIO OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com