Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM833MM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM833MM
Description  Dual Audio Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM833MM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM833MM Datasheet HTML 5Page - National Semiconductor (TI) LM833MM Datasheet HTML 6Page - National Semiconductor (TI) LM833MM Datasheet HTML 7Page - National Semiconductor (TI) LM833MM Datasheet HTML 8Page - National Semiconductor (TI) LM833MM Datasheet HTML 9Page - National Semiconductor (TI) LM833MM Datasheet HTML 10Page - National Semiconductor (TI) LM833MM Datasheet HTML 11Page - National Semiconductor (TI) LM833MM Datasheet HTML 12Page - National Semiconductor (TI) LM833MM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
RIAA Preamp Voltage Gain, RIAA
Deviation vs Frequency
Flat Amp Voltage Gain vs
Frequency
00521828
00521829
Typical Applications
NAB Preamp
NAB Preamp Voltage Gain
vs Frequency
00521830
AV = 34.5
F=1 kHz
En = 0.38 µV
A Weighted
00521831
Balanced to Single Ended Converter
Adder/Subtracter
00521832
VO =V1–V2
00521833
VO = V1+V2−V3−V4
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com