Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33981PNA/R2 Datasheet(PDF) 8 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button PC33981PNA/R2 Datasheet HTML 4Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 5Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 6Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 7Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 8Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 9Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 10Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 11Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
33981
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
8
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
CONTROL INTERFACE AND POWER OUTPUT TIMING
CBOOT Charge Blanking Time (Note 11)
tON
–
20
–
µs
Output Rising Slew Rate (Note 12)
VPWR = 14 V
CGATE = 6.8 nF, from 10% to 90% of VOUT, SR Capacitor = 4.7 nF
SRR
–
–
25
–
–
–
V/
µs
Output Falling Slew Rate (Note 12)
VPWR = 14 V
CGATE = 6.8 nF, from 90% to 10% of VOUT, SR Capacitor = 4.7 nF
SRF
–
–
25
–
–
–
V/
µs
Output Turn-ON Delay Time (Note 13)
tDLY(ON)
–
200
–
ns
Output Turn-OFF Delay Time
tDLY(OFF)
–
400
–
ns
Input Switching Frequency (Note 14)
fPWM
–
–
60
kHz
Notes
11.
Refer to the paragraph entitled Sleep Mode on page 19.
12.
Parameter is guaranteed by process monitoring but is not production tested.
13.
Turn-ON delay time measured from rising edge of INHS that turns the output ON to VOUT = 0.5 V with RL= 5.0 Ω resistive load.
14.
Turn-OFF delay time measured from falling edge of INHS that turns the output OFF to VOUT = VPWR -0.5 V with RL= 5.0 Ω resistive load.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com