Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33981PNA/R2 Datasheet(PDF) 18 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button PC33981PNA/R2 Datasheet HTML 14Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 15Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 16Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 17Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 18Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 19Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 20Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 21Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
33981
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
18
Electrical Performance Curves
Figure 15. RDS(ON) versus Temperature
Figure 16. Sleep State Supply Current versus VPWR at 150°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-50
0
50
100
150
200
Temperature (°C)
Temperature (°C)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
4.5
6.0
9.0
12.0
12.5
13.0
14.0
17.0
21.0
Vpwr(V)
VPWR (V)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com