Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33981PNA/R2 Datasheet(PDF) 16 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 16 Page - Motorola, Inc

Back Button PC33981PNA/R2 Datasheet HTML 12Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 13Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 14Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 15Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 16Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 17Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 18Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 19Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
33981
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
16
Figure 11. Cross-Conduction with Low Side
Figure 12. Overtemperature on OUT
OUT
Iout
GLS
INHS
Recirculation in Low Side
Current in Motor
Overtemperature
TEMP
INHS
OUT
IOUT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com