Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8494GS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8494GS Datasheet HTML 1Page - Richtek Technology Corporation RT8494GS Datasheet HTML 2Page - Richtek Technology Corporation RT8494GS Datasheet HTML 3Page - Richtek Technology Corporation RT8494GS Datasheet HTML 4Page - Richtek Technology Corporation RT8494GS Datasheet HTML 5Page - Richtek Technology Corporation RT8494GS Datasheet HTML 6Page - Richtek Technology Corporation RT8494GS Datasheet HTML 7Page - Richtek Technology Corporation RT8494GS Datasheet HTML 8Page - Richtek Technology Corporation RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RT8494
4
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Figure 4
R
R
S
OSC
+
-
+
-
4.5V
1.18V
+
-
1.2V
+
-
+
-
1.4V
Shutdown
+
-
GM
6µA
ISP
ISN
DCTL
ACTL
VCC
SS
GND
VC
EN
OVP
1.2V
Q
+
-
R
110mV
+
-
8.5V
VOC
ISW
GBIAS
GATE
RSET
VACTL (V)
VISP – VISN
(mV)
0.2
1.2
190
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com