Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8494GS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8494GS Datasheet HTML 4Page - Richtek Technology Corporation RT8494GS Datasheet HTML 5Page - Richtek Technology Corporation RT8494GS Datasheet HTML 6Page - Richtek Technology Corporation RT8494GS Datasheet HTML 7Page - Richtek Technology Corporation RT8494GS Datasheet HTML 8Page - Richtek Technology Corporation RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation RT8494GS Datasheet HTML 10Page - Richtek Technology Corporation RT8494GS Datasheet HTML 11Page - Richtek Technology Corporation RT8494GS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
RT8494
8
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Switching Frequency vs. Input Voltage
300
320
340
360
380
400
4
8
12
16
20
24
28
32
36
Input Voltage (V)
Efficiency vs. Input Voltage
70
75
80
85
90
95
100
12
15
18
21
24
27
30
Input Voltage (V)
VOUT = 40V, IOUT = 410mA, L = 22
μH
Boost
Efficiency vs. Input Voltage
70
75
80
85
90
95
100
12
15
18
21
24
27
30
Input Voltage (V)
Buck
− Boost
VOUT = 20V, IOUT = 410mA, L = 22
μH
Efficiency vs. Input Voltage
70
75
80
85
90
95
100
12
15
18
21
24
27
30
Input Voltage (V)
Buck
VOUT = 10V, IOUT = 410mA, L = 22
μH
Supply Current vs. Input Voltage
0
1
2
3
4
5
6
7
8
9
10
4
8
12
16
20
24
28
32
36
Input Voltage (V)
VIN = 4.5V to 36V
Shutdown Current vs. Input Voltage
0
2
4
6
8
10
12
14
16
18
20
4
8
12
16
20
24
28
32
36
Input Voltage (V)
VIN = 4.5V to 36V, VEN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com