Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8494GS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8494GS Datasheet HTML 3Page - Richtek Technology Corporation RT8494GS Datasheet HTML 4Page - Richtek Technology Corporation RT8494GS Datasheet HTML 5Page - Richtek Technology Corporation RT8494GS Datasheet HTML 6Page - Richtek Technology Corporation RT8494GS Datasheet HTML 7Page - Richtek Technology Corporation RT8494GS Datasheet HTML 8Page - Richtek Technology Corporation RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation RT8494GS Datasheet HTML 10Page - Richtek Technology Corporation RT8494GS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
RT8494
7
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
If connected with a 20k
Ω serial resistor, ACTL and DCTL can go up to 36V.
Note 3.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 4.
Devices are ESD sensitive. Handling precaution is recommended.
Note 5.
The device is not guaranteed to function outside its operating conditions.
Note 6.
Guaranteed by design, not subjected to production test.
Note 7.
The ACTL dimming curve is saturating when VACTL ≥ 1.2V. Please refer to typical operation characteristics curve of ILED
vs VACTL. This item is not subjected to production test.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
LED Dimming
Analog Dimming ACTL Pin
Input Current
IACTL
VACTL = 1.2V
--
1
--
A
VACTL = 0.2V
--
10
--
LED Max Current Threshold at
ACTL
VACTL_On
--
1.3
--
V
LED Current Off Threshold at
ACTL
VACTL_Off
--
0.2
--
V
DCTL Input Current
IDCTL
0.3V
 VDCTL  5V
--
--
0.5
A
DCTL Threshold Voltage
VDCTL_H
(Note 6)
2
--
--
V
VDCTL_L
(Note 6)
--
--
0.3
PWM Control
Switching Frequency
fSW
RRSET = 30k
280
370
450
kHz
Minimum Off-Time
RRSET = 30k
--
250
--
ns
Switch Gate Driver
GBIAS Voltage
VGBIAS
IGBIAS = 20mA
7.8
8.5
9.2
V
GATE Voltage High
VGATE_H
IGATE = 50mA
6
7.2
7.8
V
IGATE = 100A
7.5
7.8
7.9
GATE Voltage Low
VGATE_L
IGATE = 10mA
--
0.5
1
V
IGATE= 100A
--
0.1
0.9
GATE Drive Rise and Fall Time
1nF Load at GATE
--
20
100
ns
PWM Switch Current Limit
Threshold
ISW_LIM
80
110
145
mV
OVP and Soft-Start
OVP Threshold
VOVP_th
--
1.18
--
V
OVP Input Current
IOVP
0.7V
 VOVP  1.5V
--
--
0.1
A
Soft-Start Pin Current
ISS
VSS  2V
--
6
--
A
Thermal Shutdown Protection
TSD
--
145
--
C
Thermal Shutdown Hysteresis
TSD
--
10
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com