Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8494GS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8494GS
Description  High Voltage High Current LED Driver Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8494GS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8494GS Datasheet HTML 1Page - Richtek Technology Corporation RT8494GS Datasheet HTML 2Page - Richtek Technology Corporation RT8494GS Datasheet HTML 3Page - Richtek Technology Corporation RT8494GS Datasheet HTML 4Page - Richtek Technology Corporation RT8494GS Datasheet HTML 5Page - Richtek Technology Corporation RT8494GS Datasheet HTML 6Page - Richtek Technology Corporation RT8494GS Datasheet HTML 7Page - Richtek Technology Corporation RT8494GS Datasheet HTML 8Page - Richtek Technology Corporation RT8494GS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RT8494
5
DS8494-01 November 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Operation
The startup voltage of the RT8494 is around 4.5V. When
VCC voltage is greater than 4.5V, the RT8494 starts
operation and a regulated GBIAS supply voltage is
generated by an internal LDO circuit. With VCC greater
than 10V, the GBIAS supply will be regulated around 8.5V
to supply the power for the internal GATE pin driver circuit.
As the system starts, the capacitor at the soft-start pin is
slowly charged by an internal current source around 6
μA.
During soft-start period, the VC pin voltage follows the
soft-start pin voltage up by one VBE and gradually ramps
up. The slowly rising VC pin voltage allows the PWM duty
to increase gradually to achieve soft-start function.
In normal operation, the GATE turns high when the
oscillator (OSC) turns high. The ISW pin voltage is the
triangular feedback signal of the sensed switch current
(which equals inductor current ramp).
The PWM comparator compares the ISW pin voltage to
the VC pin voltage. When the ISW pin voltage exceeds
the VC pin voltage, the PWM comparator resets the latch
and turns off GATE. If the ISW pin voltage does not exceed
the VC pin voltage by the end of the switching cycle, the
GATE will be turned off by the OSC circuit for a minimum
off time. The cycle repeats when the GATE is turned on
at the beginning of the next OSC cycle.
The RT8494 features high voltage LED driver control. The
common mode operation voltage of the ISP and ISN pins
can be high up to 90V. The regulated (VISP
− VISN) sense
threshold voltage is around 190mV. If the sensed (VISP
−
VISN) voltage is lower than 190mV, the VC pin will be
charged higher by the internal OP AMP in the PWM
control loop and vice versa. By the PWM closed loop
control, the (VISP
− VISN) voltage is regulated to 190mV.
The actual LED output current can be adjusted by the
sense resistor between the ISP and ISN pins.
The dimming can be done by varying the ACTL/DCTL pin
voltage signal. The internal sense threshold reference for
(VISP
− VISN) regulation follows the ACTL/DCTL signal to
achieve dimming control.
The fault protection features of the RT8494 include (1)
VCC Under-Voltage Lockout (UVLO) (2) VOUT Over -
Voltage Protection (OVP) (3) switch Over-Current
Protection (OCP) (4) Over-Temperature Protection (OTP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com