Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2001 Datasheet(PDF) 3 Page - Motorola, Inc

Part # AN2001
Description  Designing Expansion Boards
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN2001 Datasheet(HTML) 3 Page - Motorola, Inc

  AN2001 Datasheet HTML 1Page - Motorola, Inc AN2001 Datasheet HTML 2Page - Motorola, Inc AN2001 Datasheet HTML 3Page - Motorola, Inc AN2001 Datasheet HTML 4Page - Motorola, Inc AN2001 Datasheet HTML 5Page - Motorola, Inc AN2001 Datasheet HTML 6Page - Motorola, Inc AN2001 Datasheet HTML 7Page - Motorola, Inc AN2001 Datasheet HTML 8Page - Motorola, Inc AN2001 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Designing Expansion Boards for the Motorola MPC555EVB/ETAS ES2000
MOTOROLA
Rev. 1, 31 July 2001
3
2.3 HCE Board Dimensions
Figure 1 and Table 2 show the maximum board dimensions for boards designed to interface to the HCE
connectors. Surface mount components should be used to keep the total height of the HCE board and
connectors to 0.6875 inches (17.46 mm) to avoid interference with the optional ETAS ETK interface.
Figure 1
HCE Board Layout
3 The Customized Communication Expansion Connectors (CCE)
The customized communication expansion connectors on the EVB555 allows access to the MPC555
on-chip communication ports. The EVB555 provides for RS-232 drivers and DB9 connector for the SCI1
channel of the MPC555. The CCE allows for customized connections to all of the MPC555 QSMCM and
TouCAN interfaces. There are two 20-pin connectors (CO104 – A and CO105 – B) part number Samtec
TFM-110-12-S-D-P. The matching connector required on the expansion board is SFM-110-02-S-D-P.
The pin-out of the CCE is shown in Table 3.
NOTE
The TXD1 and RXD1 are, by default, connected to the on board RS-232 driver.
These can optionally be brought to the TXD_CCE (7) and RXD_CCE (8) pins of
connector CO105 by changing the position of the 0
Ω resistors on BR100 and
BR101 from position 1-2 to position 2-3.
Table 2 HCE Board Dimensions
Dimension
Millimeters
Inches
L
45.72
1.800
S6.35
0.250
T
44.45
1.75
Host
Communication
Expansion
L
S
T
S
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com