Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI950 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCI950
Description  IRQSER DESERIALIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI950 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCI950 Datasheet HTML 3Page - Texas Instruments PCI950 Datasheet HTML 4Page - Texas Instruments PCI950 Datasheet HTML 5Page - Texas Instruments PCI950 Datasheet HTML 6Page - Texas Instruments PCI950 Datasheet HTML 7Page - Texas Instruments PCI950 Datasheet HTML 8Page - Texas Instruments PCI950 Datasheet HTML 9Page - Texas Instruments PCI950 Datasheet HTML 10Page - Texas Instruments PCI950 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PCI950
IRQSER DESERIALIZER
SCPS015 – JULY 1997 – REVISED JANUARY 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating temperature ranges (unless otherwise noted)†
Supply voltage range, VCC
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 13)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 14)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 13. Applies to external input and bidirectional buffers
14. Applies to external output and bidirectional buffers
recommended operating conditions (see Note 15)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
Commercial
4.75
5
5.25
V
VIH‡
High-level input voltage
2
VCC
V
VIL‡
Low-level input voltage
0
0.8
V
VI
Input voltage
0
VCC
V
VO§
Output voltage
0
VCC
V
tt
Input transition time [rise time (tr) and fall time (tf), see Figure 7]
0
25
ns
TA
Operating ambient temperature range
0
25
70
°C
TJ¶
Virtual junction temperature
0
25
115
°C
‡ Applies to external inputs and bidirectional buffers without hysteresis
§ Applies to external output buffers
¶ These junction temperatures reflect simulation conditions. The customer is responsible for verifying junction temperature.
NOTE 15: Unused pins (input or I/O) must be forced or tied high or low to prevent them from floating.
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
PINS
TEST CONDITIONS
MIN
MAX
UNIT
V
Hi h l
l
t
t
lt
PCI#
IOH = –2 mA
2.4
V
VOH
High-level output voltage
Standard
IOH = –4 mA
2.1
V
V
Low level output voltage
PCI#
IOL = 6 mA
0.55
V
VOL
Low-level output voltage
Standard
IOL = 4 mA
0.5
V
IOZL
3-state output, high-impedance state current
Output pins
VI = GND
–10
µA
IOZH
3-state output, high-impedance state current
Output pins
VI = VCC
10
µA
I
Lll i
Input pins
VI = GND
–1
A
IIL
Low-level input current
I/O pins||
VI = GND
–10
µA
IIH
High level input current
Input pins
VI = VCC
1
µA
IIH
High-level input current
I/O pins||
VI = VCC
10
µA
# PCI pins are INTA, INTB, INTC, INTC, and SERIRQ.
|| For I/O pins, input leakage (IIL and IIH) includes IOZ leakage of the disabled output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com