Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI950 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCI950
Description  IRQSER DESERIALIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI950 Datasheet(HTML) 2 Page - Texas Instruments

  PCI950 Datasheet HTML 1Page - Texas Instruments PCI950 Datasheet HTML 2Page - Texas Instruments PCI950 Datasheet HTML 3Page - Texas Instruments PCI950 Datasheet HTML 4Page - Texas Instruments PCI950 Datasheet HTML 5Page - Texas Instruments PCI950 Datasheet HTML 6Page - Texas Instruments PCI950 Datasheet HTML 7Page - Texas Instruments PCI950 Datasheet HTML 8Page - Texas Instruments PCI950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PCI950
IRQSER DESERIALIZER
SCPS015A – JULY 1997 – REVISED JANUARY 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
FUNCTION
NAME
NO.
I/O
TYPE
FUNCTION
ACTIVE
25
O
Device active. When the PCI950 is busy, this output is low and when the PCI950 is idle, this output is
high.
CLKRUN
34
I/O
PCI clock run. CLKRUN is used by the central resource to request permission to stop the PCI clock or
to slow the PCI clock rate. When the PCI950 is busy and CLKRUN is sampled high, then CLKRUN is
driven low for two clock cycles. If CLKRUN is not used, it can be tied low. See Note 1.
DRIVEMODE
13
I
Drive mode. When this input is high and the PCI950 samples a low on the IRQSER line during the sample
phase of the IRQ data frame, then the PCI950 drives the IRQSER line high during the recovery phase.
When this input is low and the PCI950 samples a low level on the IRQSER line during the sample phase
of the IRQ data frame, then the PCI950 three-states the IRQSER line during the recovery phase.
GND
5, 14, 27,
30, 40
—
Device ground terminals
INTA, INTB,
INTC, INTD
15, 16,
17, 18
O
PCI-style interrupts. These are four parallel PCI-style Interrupts, INTA–INTD. The PCI950 provides the
PCI interrupts in an open-drain environment, which requires the system vendor to implement a pullup
resistor on each implemented interrupt.
IRQ0, IRQ1,
IRQ3–15
23, 22,
38,12, 9,
4, 3, 44,
2, 1, 48,
47, 42,
41, 37
O
ISA-style interrupts. These are 15 parallel ISA interrupts, IRQ0, 1, 3–15. The PCI950 provides the ISA
interrupts in an open-drain environment, which requires the system vendor to implement a pullup resistor
on each implemented interrupt.
IRQ2/SMI
21
O
System management interrupt. The PCI950 provides the SMI interrupt in an open-drain environment,
which requires the system vendor to implement a pullup resistor on each implemented interrupt.
IRQSER
24
I/O
Serial interrupt stream from PC Card controller. This input is connected to the IRQSER output from the
TI PC Card controller.
NC
7, 8, 10,
11, 19,
26, 31,
43, 45
—
No connection
PCLK
28
I
PCI-bus clock. The PCI-bus clock operates at frequencies ranging from 0–33 MHz.
POLLMODE
32
I
Poll mode. Selects between quiet mode and continuous mode. When this input is low, the PCI950 is in
quiet mode. When this input is high, the PCI950 is in continuous mode. The POLLMODE signal is
sampled during the rising edge of a start frame. After reset, the PCI950 generates the first cycle, and
the stop-frame width in this cycle is set based on the POLLMODE input level. Any change in POLLMODE
input causes the PCI950 to generate a start pulse.
RSTIN
36
I
Device reset. When RSTIN is asserted low, the internal counters are reset and all output buffers are put
in a high-impedance state (three stated). After RSTIN is deasserted, the PCI950 defaults to continuous
mode.
SHUTD
35
I
Shutdown. When SHUTD input is low, the internal clock is stopped and the outputs are placed in a
high-impedance state (three stated). When SHUTD input is high, the device is in normal operation.
During continuous mode of operation, the recommended use of SHUTD is to first assert STOP input,
check that ACTIVE is high, and then assert SHUTD to stop the clock. During quiet mode of operation,
the SHUTD input can be asserted after ACTIVE is sampled high.
STOP
29
I
Stop continuous mode. The default number of idle clocks between stop and start frame in continuous
mode is one. But the STOP pin can be used to insert more than one idle state. If the PCI950 is in
continuous mode and if during an IRQSER cycle the STOP input is driven low, then after completion of
the IRQSER cycle any number of idle states can be inserted. The next start frame is initiated by PCI950
when STOP is driven high. If STOP is not to be used, then it must be tied high. See Note 1.
VCC
6, 20, 33,
39, 46
—
Device 5-V power-supply terminals
NOTE 1: Unused active-low inputs must be pulled up to VCC using a 43 kW resistor, and unused active-high inputs must be pulled down to GND
using a 43 k
W resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com