Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI950 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCI950
Description  IRQSER DESERIALIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI950 Datasheet(HTML) 1 Page - Texas Instruments

  PCI950 Datasheet HTML 1Page - Texas Instruments PCI950 Datasheet HTML 2Page - Texas Instruments PCI950 Datasheet HTML 3Page - Texas Instruments PCI950 Datasheet HTML 4Page - Texas Instruments PCI950 Datasheet HTML 5Page - Texas Instruments PCI950 Datasheet HTML 6Page - Texas Instruments PCI950 Datasheet HTML 7Page - Texas Instruments PCI950 Datasheet HTML 8Page - Texas Instruments PCI950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PCI950
IRQSER DESERIALIZER
SCPS015A – JULY 1997 – REVISED JANUARY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 5-V Core Logic With PCI Interface
D Supports PCI Clock Frequencies up to
33 MHz
D Accepts IRQSER Serial Interrupt Stream
Input From TI
 PC Card Controllers
D Provides System Access to All 15 ISA-Style
IRQs and 4 PCI-Style Interrupts
D Offered in 48-Pin TQFP Package
description
The PCI950 is an IRQSER interrupt deserializer that interfaces with existing and future TI PC Card controllers.
The PCI950 accepts the IRQSER output of a TI PC Card controller and converts it to 16 ISA-style interrupts
and 4 PCI-style interrupts. Interfacing the PC Card controller with the PCI950 permits system access of all
available interrupts and features of the PC Card controller.
functional block diagram
PCI950
4
16
IRQ15–0
INTA–D
ACTIVE
PCLK
RSTIN
CLKRUN
IRQSER
POLLMODE
SHUTD
STOP
DRIVEMODE
Copyright
 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
IRQSER
IRQ0
IRQ1
IRQ2/SMI
V
NC
INTD
INTC
INTB
INTA
GND
DRIVEMODE
IRQ15
IRQ3
GND
IRQ14
IRQ13
NC
NC
IRQ12
IRQ11
CC
VCC
VCC
IRQ8
1 2
45 67 8 9 10 11 12
30 29 28 27 26 25
36 35 34 33 32 31
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - PCI950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI950 TI1-PCI950 Datasheet
72Kb / 4P
IRQSER DESERIALIZER
PCI950PT TI1-PCI950PT Datasheet
72Kb / 4P
IRQSER DESERIALIZER
PCI950PTG4 TI1-PCI950PTG4 Datasheet
72Kb / 4P
IRQSER DESERIALIZER
PCI950 TI1-PCI950_08 Datasheet
72Kb / 4P
IRQSER DESERIALIZER
More results

Similar Description - PCI950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25C400 NSC-DS25C400 Datasheet
409Kb / 26P
Quad 2.5 Gbps Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC6511 VITESSE-VSC6511 Datasheet
379Kb / 22P
SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
logo
List of Unclassifed Man...
GS7060 ETC1-GS7060 Datasheet
362Kb / 2P
DVB-ASI Deserializer
logo
Texas Instruments
SN65LVDS152 TI-SN65LVDS152 Datasheet
244Kb / 17P
MuxIt RECEIVER-DESERIALIZER
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_07 Datasheet
1Mb / 80P
Dual-Rate Deserializer
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
logo
Texas Instruments
PCI950 TI1-PCI950_08 Datasheet
72Kb / 4P
IRQSER DESERIALIZER
logo
Semtech Corporation
GS9090B SEMTECH-GS9090B Datasheet
1Mb / 72P
270Mb/s Deserializer for SDI
logo
Texas Instruments
DS90UB954-Q1 TI1-DS90UB954-Q1 Datasheet
196Kb / 6P
Dual FPD-Link III Deserializer
logo
Maxim Integrated Produc...
MAX96708 MAXIM-MAX96708 Datasheet
1Mb / 68P
14-Bit GMSL Deserializer
Rev 0; 2/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com