Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI950 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCI950
Description  IRQSER DESERIALIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI950 Datasheet(HTML) 3 Page - Texas Instruments

  PCI950 Datasheet HTML 1Page - Texas Instruments PCI950 Datasheet HTML 2Page - Texas Instruments PCI950 Datasheet HTML 3Page - Texas Instruments PCI950 Datasheet HTML 4Page - Texas Instruments PCI950 Datasheet HTML 5Page - Texas Instruments PCI950 Datasheet HTML 6Page - Texas Instruments PCI950 Datasheet HTML 7Page - Texas Instruments PCI950 Datasheet HTML 8Page - Texas Instruments PCI950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PCI950
IRQSER DESERIALIZER
SCPS015A – JULY 1997 – REVISED JANUARY 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional description
The PCI950 accepts the serialized IRQ stream from the PC Card controller for conversion to discrete ISA and
PCI interrupts. The serialized IRQ protocol is defined in the document Serialized IRQ Protocol for PCI Systems,
revision 6.0. This protocol uses a serial packet consisting of one start frame, several IRQ/data frames, and one
stop frame.
Start frame: There are two modes of operation for the IRQSER start frame – quiet mode and continuous mode.
During continuous mode the PCI950 initiates the start frame. A low level on the POLLMODE input pin selects
the quiet mode and a high level selects continuous mode for the PCI950. The total low-pulse width on a start
frame is eight clocks. After reset the PCI950 defaults to continuous mode.
IRQ/data frame: The PCI950 is designed to decode a fixed length of 21 IRQ/data frames that are sampled in
the following sequence: IRQ0, IRQ1, SMI, IRQ3 through IRQ15, IOCHK, INTA, INTB, INTC, and INTD.
Stop frame: After the completion of a start frame and 21 IRQ data frames, the PCI950 generates a stop frame.
The pulse width of the stop pulse is determined by the status of the POLLMODE input pin sampled during the
start frame.
IRQ0
IRQ1
IRQ2
IRQ3
IRQ4
– – –
IRQ3
(see Notes 2 and 3)
RR
R
R
R
R
TT
T
T
T
T
SS
S
S
S
2
PCI950
None
PCLK
IRQSER
DRIVE
Legend:
None
Start Frame
R = Recovery
S = Sample
T = Turnaround
NOTES:
2. Start frame is eight clocks in duration.
3. Slave or host initiated: POLLMODE is level dependent.
Figure 1. IRQSER Start-Frame Timing
IRQ15
IOCHK
INTA
INTB
INTC
IRQ15
(see Notes 4 and 5)
R
RR
R
R
R
T
TT
T
T
T
SS
S
S
S
PCI950
None
PCLK
IRQSER
DRIVE
I = Idle
INTD
RT
S
(see Note 6)
Stop Frame
I
Legend:
R = Recovery
S = Sample
T = Turnaround
I
NOTES:
4. The PCI950 stop pulse is two or three clocks in duration.
5. There may be none, one, or more idle states during the stop frame.
6. When the PCI950 is in continuous mode, there are 17 idle states between the stop frame and the start frame.
Figure 2. IRQSER Stop-Frame Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com