Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3220MODASM2MONR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 40Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 41Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 42Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 43Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 44Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 45Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 46Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 47Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
44
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Specifications
Copyright © 2017, Texas Instruments Incorporated
Table 5-2 lists the timing requirements for the first-time power-up and reset removal.
Table 5-2. First-Time Power-Up and Reset Removal Timing Requirements
ITEM
NAME
DESCRIPTION
MIN
TYP
MAX UNIT
T1
Supply settling time
Depends on application board power supply, decoupling capacitor,
and so on
3
ms
T2
Hardware wake-up time
25
ms
T3
Initialization time
Internal 32-kHz crystal settling plus firmware initialization time plus
radio calibration
1.35
s
T4
App code load time for
CC3220MODS and
CC3220MODAS
CC3220MODS and CC3220MODAS
Image size (KB) × 1.7 ms
App code load time for
CC3220MODSF and
CC3220MODASF
CC3220MODSF and CC3220MODASF
Image size (KB) × 0.06 ms
5.14.2 Power-Down Sequencing
For proper power down of the CC3220MODx and CC3220MODAx module, ensure that the nRESET (pin
35) and nHIB (pin 4) pins have remained in a known state for a minimum of 200 ms before removing
power from the module.
5.14.3 Device Reset
When a device restart is required, the user may issue a negative pulse to the nRESET pin. The user must
ensure the reset is properly applied: A negative reset pulse (on pin 35) of at least 200-mS duration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com