Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3220MODASM2MONR Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # CC3220MODASM2MONR
Description  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODASM2MONR Datasheet(HTML) 85 Page - Texas Instruments

Back Button CC3220MODASM2MONR Datasheet HTML 81Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 82Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 83Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 84Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 85Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 86Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 87Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 88Page - Texas Instruments CC3220MODASM2MONR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
X
PREFIX
X = preproduction device
no prefix = production device
CC 3220 MOD
XXXX
XXX
R
DEVICE FAMILY
CC = wireless connectivity
SERIES NUMBER
3 = Wi-Fi Centric
PACKAGE DESIGNATOR
MOB = LGA package
MON = LGA package
PACKAGING
R = tape/reel
T = small reel
MODULE
MOD = module
SM2 = S module
SF12 = SF module
X
A = integral antenna
No prefix = no antenna
85
CC3220MOD, CC3220MODA
www.ti.com
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
Device and Documentation Support
Copyright © 2017, Texas Instruments Incorporated
9.4
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of the
CC3220MODx and CC3220MODAx and support tools (see Figure 9-1).
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
microprocessors (MPUs) and support tools. Each device has one of three prefixes: X, P, or null (no prefix)
(for example, CC3220MODx and CC3220MODAx). Texas Instruments recommends two of three possible
prefix designators for its support tools: TMDX and TMDS. These prefixes represent evolutionary stages of
product development from engineering prototypes (TMDX) through fully qualified production devices and
tools (TMDS).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical
specifications and may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications.
null
Production version of the silicon die that is fully qualified.
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal
qualification testing.
TMDS
Fully-qualified development-support product.
Figure 9-1. CC3220MODx and CC3220MODAx Module Nomenclature
For orderable part numbers of the CC3220MODx and CC3220MODAx devices in the QFM package type,
see Section 10.2, see ti.com, or contact your TI sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com