Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF82IAAV Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF82IAAV
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82IAAV Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC38RF82IAAV Datasheet HTML 25Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 26Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 27Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 28Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 29Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 30Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 31Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 32Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
29
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 6. Receiver Equalization Configuration (continued)
EQ
EFFECT
[2]
0
Default
1
Boost. Equalizer gain boosted by 6 dB, with a 20% reduction in bandwidth, and an increase of
5mW power consumption. May improve performance over long links.
Table 7. Receiver Equalizer Hold
EQHOLD
EFFECT
0
Equalizer adaption enabled. The equalizer adaption and analysis algorithm is enabled. This should be the default
state.
1
Equalizer adaption held. The equalizer is held in its current state. Additionally, the adaption and analysis algorithm
is reset.
Table 8. Relationship Between Lane Rate and SerDes PLL Output Frequency
EQBOOST
GAIN BOOST (dB)
BANDWIDTH CHANGE (%)
POWER INCREASE (mW)
00
0
0
0
01
2
-30
0
01
4
10
5
11
6
-20
5
When EQ is set to 010 or 011, the equalizer is reconfigured to provide analytical data about the amount of pre
and post cursor equalization respectively present in the received signal. This can in turn be used to adjust the
equalization settings of the transmitting link partner, where a suitable mechanism for communicating this data
back to the transmitter exists. Status information is provided by setting field DTEST in register DTEST (8.5.76) to
“0111” for EQOVER and “0110” for EQUNDER. The procedure is as follows:
1. Enable the equalizer by setting fields EQHLD low and EQ to “001” (register SRDS_CFG1 8.5.86). Allow
sufficient time for the equalizer to adapt;
2. Set EQHLD to 1 to lock the equalizer and reset the adaption algorithm. This also causes both EQOVER and
EQUNDER to become low;
3. Wait at least 48 UI, and proportionately longer if the CDR activity is less than 100%, to ensure the 1 on
EQHLD is sampled and acted upon;
4. Set EQ to “010” or “011”, and EQHLD to 0. The equalization characteristics of the received signal are
analysed (the equalizer response will continue to be locked);
5. Wait at least 150×103 UI to allow time for the analysis to occur, proportionately longer if the CDR activity is
less than 100%;
6. Examine EQOVER and EQUNDER for results of analysis
–
If EQOVER is high, it indicates the signal is over equalized;
–
If EQUNDER is high, it indicates the signal is under equalized;
7. Set EQHLD to 1;
8. Repeat items 3–7 if required;
9. Set EQ to “001”, and EQHLD to 0 to exit analysis mode and return to normal adaptive equalization.
NOTE
When changing EQ from one non-zero value to another, EQHLD must already be 1. If this
is not the case, there is a chance the equalizer could be reset by a transitory input state
(i.e., if EQ is momentarily 000). EQHLD can be set to 0 at the same time as EQ is
changed.
As the equalizer adaption algorithm is designed to equalize the post cursor, EQOVER or
EQUNDER will only be set during post cursor analysis if the amount of post cursor
equalization required is more or less than the adaptive equalizer can provide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com