Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF82IAAV Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF82IAAV
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82IAAV Datasheet(HTML) 91 Page - Texas Instruments

Back Button DAC38RF82IAAV Datasheet HTML 87Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 88Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 89Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 90Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 91Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 92Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 93Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 94Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 140 page
background image
91
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.39 Gain for path AB Register (address = 0x32) [reset = 0x0000]
Figure 90. Gain for path AB Register (GAINAB)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
1
1
0
0
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 86. GAINAB Field Descriptions
Bit
Field
Type
Reset
Description
15
GAINAB_ENA
R/W
0
Turns on the path AB gain block
14:12
Reserved
R/W
0x0
Reserved
11:0
GAINAB
R/W
0x400
Extra control of gain in the GAINAB block. This allows a fix gain
to be added to the signal if needed.
8.5.40 Gain for path CD Register (address = 0x33) [reset = 0x0000]
Figure 91. Gain for path CD Register (GAINCD)
15
14
13
12
11
10
9
8
0
0
0
0
0
0
0
x
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
0
0
1
1
0
0
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 87. GAINCD Field Descriptions
Bit
Field
Type
Reset
Description
15
GAINCD_ENA
R/W
0
Turns on the Path CD gain block
14:12
Reserved
R/W
0x0
Reserved
11:0
GAINCD
R/W
0x400
Extra control of gain in the GAINCD block. This allows a fix gain
to be added to the signal if needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com