Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF82IAAV Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF82IAAV
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82IAAV Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC38RF82IAAV Datasheet HTML 4Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 5Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 6Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 7Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 8Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 9Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 10Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 11Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
8
DAC38RF82, DAC38RF89
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
DAC38RF82
DAC38RF89
UNIT
AAV (FCBGA)
144 PINS
RθJA
Junction-to-ambient thermal resistance
25
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
°C/W
RθJB
Junction-to-board thermal resistance
7.7
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
7.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
7.5 Electrical Characteristics - DC Specifications
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
Digital Input Resolution
8-bit Input Mode
8
bits
12-bit Input Mode
12
16-bit Input Mode
16
DAC Core Resolution
14
bits
DNL Differential nonlinearity
±3
LSB
INL Integral nonlinearity
±4
LSB
ANALOG OUTPUT
Gain Error
±2
%FSR
Full scale output current
10
30
40
mA
P(OUTFS)
Full scale output power
2:1 transformer coupled into 50 Ω- load.
Transformer (TCM2-452X-2+) loss not de-
embedded
2.1 GHz output frequency
3
dBm
Output Compliance Range
1.3
2.3
V
Output capacitance
Single ended to ground
1.5
pF
Output resistance
Differential
100
ohms
REFERENCE OUTPUT: EXTIO
VREF
Reference output voltage
0.9
V
Reference output current
100
nA
Reference voltage drift
±8
ppm/°C
POWER SUPPLY CURRENT AND CONSUMPTION
1 V Digital supplies: VDDDIG1
MODE 1: dual channel, 12-bit input mode, 2x
Interpolation, Sin(x)/x enabled, fDAC = 6 GHz,
CLKTX Disabled
815
1300
mA
1 V Analog supplies: VDDA1 VDDACLK1
VDDTX1 VDDAPLL1 VDDT1 VDDE1
1144
1250
mA
1.8 V Supplies: VDDA18 VDDOUT18
VDDAVCO18 VDDAPLL18 VDDR18
VDDIO18 VDDS18 VDDTX18
218
270
mA
-1.8 V Supply: VEE18N
159
180
mA
PDIS
Power Dissipation
2638
3360
mW
1 V Digital supplies: VDDDIG1
MODE 2: dual channel, 16-bit input mode, 2x
Interpolation, Sin(x)/x enabled, fDAC = 5 GHz,
CLKTX Disabled
798
mA
1 V Analog supplies: VDDA1 VDDACLK1
VDDTX1 VDDAPLL1 VDDT1 VDDE1
1026
mA
1.8 V Supplies: VDDA18 VDDOUT18
VDDAVCO18 VDDAPLL18 VDDR18
VDDIO18 VDDS18 VDDTX18
222
mA
-1.8 V Supply: VEE18N
159
mA
PDIS
Power Dissipation
2510
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com