Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF82IAAV Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF82IAAV
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF82IAAV Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC38RF82IAAV Datasheet HTML 35Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 36Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 37Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 38Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 39Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 40Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 41Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 42Page - Texas Instruments DAC38RF82IAAV Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
39
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
program that particular DAC chip to use phase tolerance window “00”. This mapping is indicated in the figure
with the label “θ1|θ12|θ2: window=00”. Having programmed the device to use window “00”, all future SYSREF
events that occur in θ1 or θ2 would trigger the LMFC and frame clock to be aligned using the following rising
clock edge as the alignment reference (as indicated by the red arrow pointing to rising clock edge “R” and
labeled “Window=00/01 alignment edge”).
The full extent of each phase tolerance window is indicated in the figure using “box and whisker” plots. For the
“window=00” example, the “box” portion of the plot indicates that the phase tolerance window is centered on θ12
(to be precise on the boundary between θ1 and θ2) and the “whisker” portion indicates that even if the rising
edge of SYSREF occurs as early as the preceding θ4 or as late as the following θ3 it still results in LMFC and
frame clock alignment to the same rising clock edge indicated by the red arrow labeled “Window=00/01
alignment edge”. When programmed for phase tolerance window “00”, the DAC chip is tolerant to variations in
the SYSREF timing ranging from a rising SYSREF edge that occurs just after one rising edge of clock to just
before the next rising edge of the clock. The qualifying phrases “just after” and “just before” are used here to
indicate that the SYSREF transition must occur far enough away from the rising edges of the clock to avoid
setup/hold violations and prevent the device from concluding that the SYSREF transition has crossed out off the
phase tolerance window when in fact it has not. The tolerance range for window “00” is from rising clock edge to
rising clock edge and is indicated in the figure by the green text labeled “tolerance = R
↔R”.
Following the above example, if characterization reveals SYSREF timing centered on θ23 then phase tolerance
window “01” (with tolerance for SYSREF rising edge events from EF to EF) should be chosen. Notice that this
option is tolerant even to rising SYSREF edges that occur after the rising device clock edge (i.e. in θ4) and will
treat them just as if they had occurred in one of the earlier three phases, aligning to the same rising device clock
edge indicated by the red arrow labeled “Window=00/01 Alignment Edge”. This allows the system designer to
tolerate PCB design errors and/or environmental and manufacturing variations – achieving his intended
alignment without having to make physical changes to the board to adjust the SYSREF timing.
Similarly, if characterization indicates that SYSREF timing is centered on θ34 or θ41 then phase tolerance
window “10” or “11” can be selected, resulting in tolerance for “F
↔F” or “ER↔ER” SYSREF timing, respectively.
Note, however, that in these two cases the alignment reference edge is by default taken to be the subsequent
rising edge of the device clock. Since this may not be the desired behavior, the DAC38RF82 (or DAC38RF89)
allows the user to program in an optional alignment offset of θ1 if the default offset of 0 does not achieve the
desired alignment. This feature is illustrated in Figure 32 where the user can see that by setting the alignment
offset to -1, phase tolerance windows “10” and “11” can be made to trigger alignment to the earlier rising device
clock edge used by windows “00” and “01”. Alternatively, the window “00” and “01” alignment edge can be
pushed one cycle later by setting their alignment offset to +1.
Figure 32. Optional SYSREF Alignment Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com