Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF83IAAV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF83IAAV
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF83IAAV Datasheet(HTML) 1 Page - Texas Instruments

  DAC38RF83IAAV Datasheet HTML 1Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 2Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 3Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 4Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 5Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 6Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 7Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 8Page - Texas Instruments DAC38RF83IAAV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output,
14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
1
1 Features
1
•
14-Bit Resolution
•
Maximum DAC Sample Rate: 9 GSPS
•
Key Specifications:
–
RF Full-Scale Output Power at 2.1 GHz:
–
DAC38RF80/90/84: 0 dBm
–
DAC38RF83/93/85: 3 dBm (with 2:1 balun)
–
Spectral Performance(on-chip PLL, DIFF):
–
fDAC = 5898.24 MSPS, fOUT = 2.14 GHz
–
WCDMA ACLR: 75 dBc
–
WCDMA alt-ACLR: 77 dBc
–
fDAC = 8847.36 MSPS, fOUT = 3.7 GHz
–
20 MHz LTE ACLR: 63 dBc
–
fDAC = 9 GSPS, fOUT = 1.8 GHz
–
IMD3 = 70 dBc (–6 dBFS, 10-MHz tone
spacing)
–
NSD = –157 dBc/Hz
•
Dual-Band Digital Up-converter per DAC
–
6, 8, 10, 12, 16, 18, 20 or 24x Interpolation
–
4 Independent NCOs With 48-Bit Resolution
•
JESD204B Interface, Subclass 1
–
Support for Multichip Synchronization
–
Maximum Lane Rate: 12.5 Gbps
•
Single-Ended Output With Integrated Balun
(DAC38RF80/90/84) Covering 700 MHz to 3800
MHz
•
Internal PLL and VCO With Bypass
–
fC(VCO) = 5.9 or 8.9 GHz
•
Power Dissipation: 1.4 to 2.2 W/ch
•
Power Supplies: –1.8 V, 1 V, 1.8 V
•
Package: 10 x 10 mm BGA, 0.8 mm Pitch, 144-
Balls
2 Applications
•
Wireless Communications
•
Communications Test Equipment
•
Arbitrary Waveform Generators
•
Military Software Defined Radios
•
Radar and Satellite Communications (SATCOM)
3 Description
The DAC38RFxx is a family of high-performance,
dual/single-channel, 14-bit, 9-GSPS, RF-sampling
digital-to-analog converters (DACs) that are capable
of synthesizing wideband signals from 0 to 4.5 GHz.
A high dynamic range allows the DAC38RFxx family
to generate signals for a wide range of applications
including 3G/4G signals for wireless base-stations
and radar.
The devices feature a low-power JESD204B Interface
with up to 8 lanes with a maximum bit rate of 12.5
Gbps allowing an input data rate of 1.25 GSPS
complex per channel. The DAC38RFxx provides two
digital
up-converters
per
channel,
with
multiple
options for interpolation rates. A digital quadrature
modulator with independent, frequency flexible NCOs
are available to support multi-band operation. An
optional
low-jitter
PLL/VCO
simplifies
the
DAC
sampling clock generation by allowing use of a lower
frequency reference clock.
Device Information(1)
PART NUMBER
OUTPUT TYPE
NUMBER OF
CHANNELS
DAC38RF83
Differential
2
DAC38RF93
2
DAC38RF85
1
DAC38RF80
Single ended
2
DAC38RF90
2
DAC38RF84
1
(1) For all available device options, see the Device Comparison
Table.
2x20-MHz LTE at 1.84 GHz and 2.14 GHz,
800 MHz Span


Similar Part No. - DAC38RF83IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF83IAAV TI1-DAC38RF83IAAV Datasheet
2Mb / 152P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF83IAAV TI1-DAC38RF83IAAV Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF83IAAV TI2-DAC38RF83IAAV Datasheet
4Mb / 160P
DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
REVISED DECEMBER 2023
DAC38RF83IAAV.B TI2-DAC38RF83IAAV.B Datasheet
4Mb / 160P
DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
REVISED DECEMBER 2023
DAC38RF83IAAVR TI1-DAC38RF83IAAVR Datasheet
2Mb / 152P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
More results

Similar Description - DAC38RF83IAAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com