Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9971 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9971
Description  7 CH Power Management IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9971 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9971 Datasheet HTML 6Page - Richtek Technology Corporation RT9971 Datasheet HTML 7Page - Richtek Technology Corporation RT9971 Datasheet HTML 8Page - Richtek Technology Corporation RT9971 Datasheet HTML 9Page - Richtek Technology Corporation RT9971 Datasheet HTML 10Page - Richtek Technology Corporation RT9971 Datasheet HTML 11Page - Richtek Technology Corporation RT9971 Datasheet HTML 12Page - Richtek Technology Corporation RT9971 Datasheet HTML 13Page - Richtek Technology Corporation RT9971 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
DS9971-01 April 2011
www.richtek.com
RT9971
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
CH6 On Resistance of MOSFET
P-MOSFET, PVDD6 = 3.3V
--
0.5
--
Ω
CH6 Current Limitation
P-MOSFET
--
1.5
--
A
CH7 On Resistance of MOSFET
N-MOSFET
--
1
--
Ω
CH7 Current Limitation
N-MOSFET
--
0.8
--
A
Protection
Over Voltage Protection of PVDD1
and PVDD2
6
6.25
6.5
V
Under Voltage Protection of VOUT1
--
1.75
--
V
Over Voltage Protection of SW5I
18
--
21
V
Over Voltage Protection of VOUT7
12
--
16
V
CH5 Load Disconnect UVP of SW5O
0.35
0.4
0.45
V
Under Voltage Protection of FB2
(Step-Down)
--
0.4
--
V
Under Voltage Protection of FB3
--
0.4
--
V
Under Voltage Protection of FB4
--
0.4
--
V
Under Voltage Protection of FB5
--
0.8
--
V
Under Voltage Protection of FB6
--
0.4
--
V
Protection Fault Delay
--
100
--
ms
Control
EN134, EN2, EN5, EN6, EN7 Input
High Level Threshold
1.3
--
--
V
EN134, EN2, EN5, EN6, EN7 Input
Low Level Threshold
--
--
0.4
V
EN134, EN2, EN5, EN6, EN7 Sink
Current
--
2
6
µA
SEL Input High Level Threshold
1.3
--
--
V
SEL Input Low Level Threshold
--
--
0.4
V
SEL Sink Current
SEL = 3.3V
--
2
6
µA
Thermal Protection
Thermal Shutdown
TSD
125
160
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
20
--
°C
RTC Reset
RTC_PWR Reset Threshold
1.57
1.6
1.63
V
Hysteresis
--
16
--
mV
Standby Current
RTC_PWR = 3V
--
2
4
µA
RTC_R Rising Delay Time
35
55
75
ms
RTC_R Sink Capability
RTC_R = 0.5V,
RTC_PWR = 1.5V
4
--
--
mA
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com