Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9971 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT9971
Description  7 CH Power Management IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9971 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT9971 Datasheet HTML 14Page - Richtek Technology Corporation RT9971 Datasheet HTML 15Page - Richtek Technology Corporation RT9971 Datasheet HTML 16Page - Richtek Technology Corporation RT9971 Datasheet HTML 17Page - Richtek Technology Corporation RT9971 Datasheet HTML 18Page - Richtek Technology Corporation RT9971 Datasheet HTML 19Page - Richtek Technology Corporation RT9971 Datasheet HTML 20Page - Richtek Technology Corporation RT9971 Datasheet HTML 21Page - Richtek Technology Corporation RT9971 Datasheet HTML 22Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
DS9971-01 April 2011
www.richtek.com
RT9971
The current flows through WLED can be set by the following
equation :
I (mA) = [250mV/R(
Ω)] x Duty (%)
R : Current sense resistor from CFB7 to GND.
Duty: PWM dimming by EN7 pin. Dimming frequency
range is from 30kHz to 100kHz.
Hold EN7 low for more than 64
µs will turn off CH7.
RTC_Reset
The RT9971 provides an accurate voltage detector for
RTC_LDO voltage detection. It is used to detect whether
RTC_LDO output voltage is ready or not. Its power pin is
RTC_PWR and output pin is RTC_R. The output pin is an
open drain N-MOSFET and the sink capability is above
4mA. Once the RTC_PWR pin reaches 1.6V, it will count
for about 55ms, then the RTC_R will go high.
RTC_LDO
The RT9971 provides a LDO for real time clock. The LDO
function has features of low quiescent current (5
µA) and
high output voltage accuracy since this LDO is running all
the time, even when the system is shutdown. In addition,
LDO share
“OK” and “VOUT1” pin with SW1 and the
function is decided by
“CN” pin. Following table is used
to select LDO or SW1.
Table 3. RTC_LDO and SW1 Setting
Function
CN
RTC_LDO
Logic-High
SW1
Logic-Low
Power On/Off Sequence
The Power On Sequence is :
While EN134 goes high, CH1 will be turned on to wait for
the completion of CH1's soft-start. After that, CH3 will be
turned on to wait for the completion of CH3's soft-start.
And then, CH4 will be turned on to wait for the completion
of CH4's soft-start. Then,SW1 will be turn on and CH2 is
allowed to be turn on by EN2 at any time. Finally, SW1
soft-start will be completed.
The Power-Off Sequence is :
At first, while EN134 goes low, (SW1 is shutdown and
internally pull low, CH2 must be turned off by EN2) SW1
and CH2 (Note A) will be shutdown. After that, CH4 will be
turned off and internally pulled low to wait for the completion
of CH4's shutdown. And then, CH3 will be turned off and
internally pulled low to wait for CH3's shutdown completion.
Then, CH1 will be turned off and internally pulled low
(Note B) to wait for CH1's shutdown completion. Finally,
the whole IC will be shutdown (if EN2, EN5, EN6 and EN7
already go low).
Note A : If CH2 is configured as a step -up, then the CH2
will not be internally pulled low and the completion of
shutdown will not be checked.
Note B : CH1 is configured as a step -up, so the CH1 will
not be internally pulled low and the completion of shutdown
will not be checked.
Table 4. Power On/Off Sequence
Power On
Sequence
CH1 -> CH3 -> CH4 -> (SW1 and CH2)
Power Off
Sequence
(SW1 and CH2) -> CH4 -> CH3 -> CH1
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA ) / θJA
Where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJAis
the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9971, The maximum junction temperature is 125
°C.
The junction to ambient thermal resistance
θJA is layout
dependent. For WQFN-40L 5x5 packages, the thermal
resistance
θJA is 36°C/W on the standard JEDEC 51-7
four layers thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by following
formula :
PD(MAX = (125
°C −25°C) / (36°C/W) = 2.778W for
WQFN-40L 5x5 packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com