Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9971 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT9971
Description  7 CH Power Management IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9971 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT9971 Datasheet HTML 12Page - Richtek Technology Corporation RT9971 Datasheet HTML 13Page - Richtek Technology Corporation RT9971 Datasheet HTML 14Page - Richtek Technology Corporation RT9971 Datasheet HTML 15Page - Richtek Technology Corporation RT9971 Datasheet HTML 16Page - Richtek Technology Corporation RT9971 Datasheet HTML 17Page - Richtek Technology Corporation RT9971 Datasheet HTML 18Page - Richtek Technology Corporation RT9971 Datasheet HTML 19Page - Richtek Technology Corporation RT9971 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
DS9971-01 April 2011
www.richtek.com
RT9971
CH6 Load Transient Response
Time (1ms/Div)
IOUT
(20mA/Div)
VOUT_CH6_ac
(50mV/Div)
VDDM = 5V, VBAT = 3.7V, VOUT_CH6 = -8V,
IOUT = 15mA to 50mA, L6 = 10
μH, C18 = 10μFx2
CH5 Load Transient Response
Time (1ms/Div)
IOUT
(20mA/Div)
VOUT_CH5_ac
(50mV/Div)
VDDM = 5V, VBAT = 3.7V, VOUT_CH5 = 16V,
IOUT = 10mA to 30mA, L5 = 10
μH, C16 = 10μF
CH4 Load Transient Response
Time (1ms/Div)
IOUT
(200mA/Div)
VOUT_CH4_ac
(50mV/Div)
VDDM = 3V, VBAT = 1.8V, VOUT_CH4 = 1V,
IOUT = 100mA to 300mA, L4 = 4.7
μH, C12 = 10μF
CH3 Load Transient Response
Time (1ms/Div)
IOUT
(200mA/Div)
VOUT_CH3_ac
(50mV/Div)
VDDM = 5V, VBAT = 3V, VOUT_CH3 = 2.5V,
IOUT = 100mA to 300mA, L3 = 2.2
μH, C9 = 10μF
CH1 Load Transient Response
Time (1ms/Div)
IOUT
(200mA/Div)
VOUT_CH1_ac
(100mV/Div)
VDDM = 3V, VBAT = 1.8V, VOUT_CH1 = 3.3V,
IOUT = 50mA to 250mA, L1 = 2.2
μH, C1 = 10μFx2
CH2 Load Transient Response
Time (1ms/Div)
IOUT
(200mA/Div)
VOUT_CH2_ac
(100mV/Div)
VDDM = 5V, VBAT = 3.7V, VOUT_CH2 = 3.3V,
IOUT = 0 to 300mA, L2 = 4.7
μH, C5 = 10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com