Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9971 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9971
Description  7 CH Power Management IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9971 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9971 Datasheet HTML 10Page - Richtek Technology Corporation RT9971 Datasheet HTML 11Page - Richtek Technology Corporation RT9971 Datasheet HTML 12Page - Richtek Technology Corporation RT9971 Datasheet HTML 13Page - Richtek Technology Corporation RT9971 Datasheet HTML 14Page - Richtek Technology Corporation RT9971 Datasheet HTML 15Page - Richtek Technology Corporation RT9971 Datasheet HTML 16Page - Richtek Technology Corporation RT9971 Datasheet HTML 17Page - Richtek Technology Corporation RT9971 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
DS9971-01 April 2011
www.richtek.com
RT9971
CH2 Step-Up Output Voltage vs. Output Current
5.02
5.03
5.04
5.05
5.06
5.07
0
100
200
300
400
500
600
Output Current (mA)
CH3 Step-Down Output Voltage vs. Output Current
2.490
2.495
2.500
2.505
2.510
2.515
2.520
0
100
200
300
400
500
600
Output Current (mA)
CH4 Step-Down Output Voltage vs. Output Current
0.995
0.997
0.999
1.001
1.003
1.005
1.007
1.009
1.011
1.013
1.015
0
100
200
300
400
500
600
Output Current (mA)
CH5 Step-Up Output Voltage vs. Output Current
15.7
15.8
15.9
16.0
16.1
16.2
16.3
020
40
60
80
100
Output Current (mA)
CH6 Inverting Output Voltage vs. Output Current
-8.3
-8.25
-8.2
-8.15
-8.1
-8.05
-8
020
40
60
80
100
Output Current (mA)
VDDM = 3V
VBAT = 3.4V
VDDM = 5V
VBAT = 4.5V
VBAT = 3V
VBAT = 3V
VBAT = 1.8V
VBAT = 4.5V
VDDM = 3V
VBAT = 4.5V
VBAT = 3.4V
VBAT = 2.7V
VDDM = 5V
VBAT = 4.5V
VBAT = 3.4V
VBAT = 2.7V
VDDM = 5V
Power On
Time (5ms/Div)
VOUT_CH1
(5V/Div)
VOUT_CH2
(5V/Div)
VOUT_CH3
(2V/Div)
VOUT_CH4
(1V/Div)
VDDM = 5V, VBAT = 3.7V, SEL = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com