Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP485 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP485
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485 Datasheet(HTML) 3 Page - Exar Corporation

  SP485 Datasheet HTML 1Page - Exar Corporation SP485 Datasheet HTML 2Page - Exar Corporation SP485 Datasheet HTML 3Page - Exar Corporation SP485 Datasheet HTML 4Page - Exar Corporation SP485 Datasheet HTML 5Page - Exar Corporation SP485 Datasheet HTML 6Page - Exar Corporation SP485 Datasheet HTML 7Page - Exar Corporation SP485 Datasheet HTML 8Page - Exar Corporation SP485 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP483_485_0_0627
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC.......................................................................+7V
Input Voltages
Logic.........................-0.3V to (Vcc + 0.5V)
Drivers......................-0.3V to (Vcc + 0.5V)
Receivers.........................................+/-5V
ELECTRICAL CHARACTERISTICS
T
MIN to TMAX and VCC = 5V +/-5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP483/SP485 DRIVER
DC Characteristics
Differential Output Voltage
Vcc
Volts
Unloaded; R = ∞ ; see figure 1
Differential Output Voltage
2
Vcc
Volts
With Load; R = 50Ω (RS-422);
see figure 
Differential Output Voltage
.5
Vcc
Volts
With Load; R = 27Ω (RS-485);
see figure 
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary states
0.2
Volts
R = 27Ω or R = 50Ω; see figure 1
Driver Common Mode Output
Voltage
3
Volts
R = 27Ω or R = 50Ω; see figure 1
Input High Voltage
2.0
Volts
Applies to DE, DI, RE
Input Low Voltage
0.8
Volts
Applies to DE, DI, RE
Input Current
+/-0
µA
Applies to DE, DI, RE
Driver Short Circuit Current,
V
OUT = HIGH
250
mA
-7V ≤ V
O ≤ +12V
Driver Short Circuit Current,
V
OUT = LOW
250
mA
-7V ≤ V
O ≤ +12V
SP485 DRIVER
AC Characteristics
Maximum Data Rate
5
Mbps
RE = 5V, DE = 5V
Driver Input to Output, t
PLH
30
60
ns
Figures 3 and 5, R
DIFF = 54Ω,
C
L = CL2 = 00pF
Driver Input to Output, t
PHL
30
60
ns
Figures 3 and 5, R
DIFF = 54Ω,
C
L = CL2 = 00pF
Driver Skew
5
0
ns
Figures 3 and 5,
t
SKEW = |tDPHL - tDPLH|
Driver Rise or Fall Time
5
40
ns
From 0%-90%; R
DIFF = 54Ω
C
L = CL2 = 100pF; see figures 3
and 5
Output Voltages
Logic.........................-0.3V to (Vcc + 0.5V)
Drivers.............................................+/-5V
Receivers..................-0.3V to (Vcc + 0.5V)
Storage Temperature.......................-65˚C to +150˚C
Power Dissipation
8-pin NSOIC...................................................500mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com