Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP485 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP485
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485 Datasheet(HTML) 5 Page - Exar Corporation

  SP485 Datasheet HTML 1Page - Exar Corporation SP485 Datasheet HTML 2Page - Exar Corporation SP485 Datasheet HTML 3Page - Exar Corporation SP485 Datasheet HTML 4Page - Exar Corporation SP485 Datasheet HTML 5Page - Exar Corporation SP485 Datasheet HTML 6Page - Exar Corporation SP485 Datasheet HTML 7Page - Exar Corporation SP485 Datasheet HTML 8Page - Exar Corporation SP485 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP483_485_0_0627
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
POWER REQUIREMENTS
Supply Voltage V
CC
+4.75
+5.25
Volts
Supply Current
SP485
900
µA
No Load; RE, DI = 0V or V
CC;
DE = V
CC
900
µA
No Load; RE = 0V, DI = 0V or 5V;
DE = 0V
SP483
600
µA
No Load; RE, DI = 0V or V
CC;
DE = V
CC
600
µA
No Load; RE = 0V, DI = 0V or 5V;
DE = 0V
SP483
0
µA
Shutdown Mode; DE = 0V, RE = V
CC
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
Commercial (_C_)
0
70
ºC
Industrial (_E_)
-40
+85
ºC
Storage Temperature
-65
+50
ºC
Package: Plastic DIP (_P), NSOIC (_N)
ELECTRICAL CHARACTERISTICS
T
MIN to TMAX and VCC = 5V +/-5% unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com