Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP485 Datasheet(PDF) 9 Page - Exar Corporation

Part # SP485
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485 Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP485 Datasheet HTML 5Page - Exar Corporation SP485 Datasheet HTML 6Page - Exar Corporation SP485 Datasheet HTML 7Page - Exar Corporation SP485 Datasheet HTML 8Page - Exar Corporation SP485 Datasheet HTML 9Page - Exar Corporation SP485 Datasheet HTML 10Page - Exar Corporation SP485 Datasheet HTML 11Page - Exar Corporation SP485 Datasheet HTML 12Page - Exar Corporation SP485 Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
8
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP483_485_0_0627
The
SP483 and SP485 are half-duplex dif-
ferential transceivers that meet the require-
ments of RS-485 and RS-422. Fabricated
with an
Exar proprietary BiCMOS process,
this product requires a fraction of the power
of older bipolar designs.
The RS-485 standard is ideal for multi-drop
applicationsandforlong-distanceinterfaces.
RS-485allowsupto32driversand32receiv-
ers to be connected to a data bus, making it
an ideal choice for multi-drop applications.
Since the cabling can be as long as 4,000
feet, RS-485 transceivers are equipped with
a wide (-7V to +2V) common mode range
to accommodate ground potential differ-
ences. Because RS-485 is a differential
interface, data is virtually immune to noise
in the transmission line.
Drivers
SP483 and SP485
The driver outputs of the
SP483 and SP485
are differential outputs meeting the RS-485
and RS-422 standards. The typical voltage
output swing with no load will be 0 Volts to
+5 Volts. With worst case loading of 54Ω
acrossthedifferentialoutputs,thedriverscan
maintain greater than .5V voltage levels.
The drivers of the
SP483 and SP485 have
an enable control line which is active HIGH.
A logic HIGH on DE (pin 3) will enable the
differentialdriveroutputs. AlogicLOWonthe
DE(pin 3) will tri-state the driver outputs.
Thetransmittersofthe
SP485willoperateup
to at least 5Mbps. The
SP483 has internally
slew rate limited driver outputs to minimize
EMI. The maximum data rate for the
SP483
driver is 250kbps.
Receivers
SP483 and SP485
The
SP483 and SP485 receivers have dif-
ferential inputs with an input sensitivity as
low as ±200mV. Input impedance of the
receivers is typically 15kΩ (12kΩ minimum).
A wide common mode range of -7V to +2V
allows for large ground potential differences
between systems. The receivers of the
SP483 and SP485 have a tri-state enable
control pin. A logic LOW on RE (pin 2) will
enable the receiver, a logic HIGH on RE (pin
2) will disable the receiver.
The receiver for the
SP485 will operate up
to at least 0Mbps. The
SP483 receiver
is rated for data rates up to 250kbps. The
receiver for each of the three devices is
equipped with the fail-safe feature. Fail-
safe guarantees that the receiver output
will be in a HIGH state when the input is
left unconnected and floating.
Shutdown Mode
SP483
The
SP483 is equipped with a Shutdown
mode. To enable the shutdown state, both
driver and receiver must be disabled simul-
taneously. A logic LOW on DE (pin 3) and a
Logic HIGH on RE (pin 2) will put the
SP483
into Shutdown mode. In Shutdown, supply
current will drop to typically µA.
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com