Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP485 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP485
Description  Low Power Half-Duplex RS-485 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485 Datasheet(HTML) 4 Page - Exar Corporation

  SP485 Datasheet HTML 1Page - Exar Corporation SP485 Datasheet HTML 2Page - Exar Corporation SP485 Datasheet HTML 3Page - Exar Corporation SP485 Datasheet HTML 4Page - Exar Corporation SP485 Datasheet HTML 5Page - Exar Corporation SP485 Datasheet HTML 6Page - Exar Corporation SP485 Datasheet HTML 7Page - Exar Corporation SP485 Datasheet HTML 8Page - Exar Corporation SP485 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP483_SP485_0_0627
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
SP485 DRIVER (continued)
AC Characteristics
Driver Enable to Output High
40
70
ns
C
L = 100pF, see figures 4 and 6,
S
2 closed
Driver Enable to Output Low
40
70
ns
C
L = 100pF, see figures 4 and 6,
S
 closed
Driver Disable Time from High
40
70
ns
C
L = 15pF, see figures 2 and 8,
S
2 closed
Driver Disable Time from Low
40
70
ns
C
L = 15pF, see figures 2 and 8,
S
 closed
SP483/SP485 RECEIVER
DC Characteristics
Differential Input Threshold
-0.2
+0.2
Volts
-7V ≤ V
CM ≤ +12V
Input Hysteresis
0
mV
V
CM = 0V
Output Voltage High
2.4
5
Volts
I
O = -4mA, VID = +200mV
Output Voltage Low
0.0
0.4
Volts
I
O = +4mA, VID = -200mV
Three-State ( High Impedance)
Output Current
+/-
µA
0.4V ≤ V
O ≤ 2.4V; RE = 5V
Input Resistance
2
5
kΩ
-7V ≤ V
CM ≤ +12V
Input Current (A, B); V
IN = 2V
+.0
mA
DE = 0V, V
CC = 0V or 5.25V,
V
IN = 2V
Input Current (A, B); V
IN = -7V
-0.8
mA
DE = 0V, V
CC = 0V or 5.25V,
V
IN = -7V
Short-Circuit Current
95
mA
0V ≤ V
CM ≤ VCC
SP485 RECEIVER
AC Characteristics
Maximum Data Rate
5
Mbps RE = 0V, DE = 0V
Receiver Input to Output
20
45
200
ns
t
PLH ; Figures 3 and 7,
R
DIFF = 54Ω, CL = CL2 = 00pF
Receiver Input to Output
20
45
200
ns
t
PHL ; Figures 3 and 7,
R
DIFF = 54Ω, CL = CL2 = 00pF
Differential Receiver Skew
|t
PHL - tPLH|
3
ns
R
DIFF = 54Ω, CL = CL2 = 00pF,
Figures 3 and 7
Receiver Enable to Output Low
45
70
ns
C
RL = 5pF, Figures 2 and 8;
S
 Closed
Receiver Enable to Output High
45
70
ns
C
RL = 5pF, Figures 2 and 8;
S
2 Closed
Receiver Disable from LOW
45
70
ns
C
RL = 5pF, Figures 2 and 8;
S
 Closed
Receiver Disable from High
45
70
ns
C
RL = 5pF, Figures 2 and 8;
S
2 Closed
ELECTRICAL CHARACTERISTICS
T
MIN to TMAX and VCC = 5V +/-5% unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com