Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8355 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 25Page - Seiko Instruments Inc S8355 Datasheet HTML 26Page - Seiko Instruments Inc S8355 Datasheet HTML 27Page - Seiko Instruments Inc S8355 Datasheet HTML 28Page - Seiko Instruments Inc S8355 Datasheet HTML 29Page - Seiko Instruments Inc S8355 Datasheet HTML 30Page - Seiko Instruments Inc S8355 Datasheet HTML 31Page - Seiko Instruments Inc S8355 Datasheet HTML 32Page - Seiko Instruments Inc S8355 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
29
3. Capacitor (CIN, CL)
A capacitor on the input side (CIN) improves the efficiency by reducing the power impedance and stabilizing the input
current. Select a CIN value according to the impedance of the power supply used.
A capacitor on the output side (CL) is used for smoothing the output voltage. For step-up types, the output voltage
flows intermittently to the load current, so step-up types need a larger capacitance than step-down types. Therefore,
select an appropriate capacitor in accordance with the ripple voltage, which increases in case of a higher output
voltage or a higher load current. The capacitor value should be 10
μF or more.
Select an appropriate capacitor the equivalent series resistance (RESR) for stable output voltage. The stable voltage
range in this IC depends on the RESR. Although the inductance value (L value) is also a factor, an RESR of 30 to 500
m
Ω maximizes the characteristics. However, the best RESR value may depend on the L value, the capacitance, the
wiring, and the applications (output load). Therefore, fully evaluate the RESR under the actual operating conditions to
determine the best value.
Refer to the “3. Example of Ceramic Capacitor Application” (Figure 26) in the “ Application Circuit” for the
circuit example using a ceramic capacitor and the external resistance of the capacitor (RESR).
4. External Transistor
An enhancement (N-channel) MOS FET type or A bipolar (NPN) type can be used as the external transistor.
4.1 Enhancement (N-channel) MOS FET Type
Figure 17
is a circuit example using a MOS FET transistor (N-channel).
VOUT
EXT
VOUT
+
−
OFF
/
ON
*2
VSS
VDD
*1
+
−
*1.
For VDD / VOUT separate type.
*2.
With shutdown function.
Figure 17 Circuit Example Using MOS FET (N-channel) Type
An N-channel power MOS FET should be used for the MOS FET. Because the gate voltage and current of the
external power MOS FET are supplied from the stepped-up output voltage (VOUT), the MOS FET is driven more
effectively.
A large current may flow during startup, depending on the MOS FET selection. So perform sufficient evaluation
using the actual devices. Also recommend to use a MOS FET with an input capacitance of 700 pF or less.
Since the ON-resistance of the MOS FET might depend on the difference between the output voltage (VOUT) and
the threshold voltage of the MOS FET, and affect the output current as well as the efficiency, the threshold
voltage should be low. When the output voltage is low, the circuit operates only when the MOS FET has a
threshold voltage lower than the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com