Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8355 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 5Page - Seiko Instruments Inc S8355 Datasheet HTML 6Page - Seiko Instruments Inc S8355 Datasheet HTML 7Page - Seiko Instruments Inc S8355 Datasheet HTML 8Page - Seiko Instruments Inc S8355 Datasheet HTML 9Page - Seiko Instruments Inc S8355 Datasheet HTML 10Page - Seiko Instruments Inc S8355 Datasheet HTML 11Page - Seiko Instruments Inc S8355 Datasheet HTML 12Page - Seiko Instruments Inc S8355 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.8.1_01
S-8355/56/57/58 Series
9
(4) S-8358 Series
Table 9
Output
voltage
S-8358BxxMC
Series
S-8358BxxMA
Series
S-8358BxxUA
Series
S-8358ExxMC
Series
2.0 V
−
−
−
S-8358E20MC-NSFT2x
2.3 V
S-8358B23MC-NQIT2x
−
−
−
2.5 V
S-8358B25MC-NQKT2x
−
−
−
2.6 V
S-8358B26MC-NQLT2x
−
−
−
2.7 V
S-8358B27MC-NQMT2x
−
−
−
2.8 V
S-8358B28MC-NQNT2x
−
−
−
3.0 V
S-8358B30MC-NQPT2x
S-8358B30MA-NQPT2G
−
−
3.1 V
S-8358B31MC-NQQT2x
−
−
−
3.2 V
S-8358B32MC-NQRT2x
−
−
−
3.3 V
S-8358B33MC-NQST2x
−
S-8358B33UA-NQST2x
−
3.5 V
S-8358B35MC-NQUT2x
−
−
−
3.6 V
S-8358B36MC-NQVT2x
−
−
−
3.8 V
S-8358B38MC-NQXT2x
−
−
−
4.0 V
S-8358B40MC-NQZT2x
−
−
−
5.0 V
S-8358B50MC-NRJT2x
S-8358B50MA-NRJT2G
S-8358B50UA-NRJT2x
S-8358E50MC-NTJT2x
5.3 V
S-8358B53MC-NRMT2x
−
−
−
6.0 V
S-8358B60MC-NRTT2x
−
S-8358B60UA-NRTT2x
−
Table 10
Output
voltage
S-8358FxxMC
Series
S-8358GxxMC
Series
S-8358HxxMC
Series
S-8358JxxMC
Series
2.3 V
−
−
S-8358H23MC-NUIT2x
−
2.6 V
S-8358F26MC-MKLT2x
−
−
−
2.7 V
S-8358F27MC-MKMT2x
−
−
−
3.0 V
S-8358F30MC-MKPT2x
−
S-8358H30MC-NUPT2x
−
3.2 V
-
−
S-8358H32MC-NURT2x
−
3.3 V
S-8358F33MC-MKST2x
−
S-8358H33MC-NUST2x
S-8358J33MC-NWST2x
3.6 V
S-8358F36MC-MKVT2x
−
−
−
4.0 V
-
−
S-8358H40MC-NUZT2x
−
5.0 V
S-8358F50MC-MLJT2x
S-8358G50MC-MNJT2x
S-8358H50MC-NVJT2x
S-8358J50MC-NXJT2x
5.3 V
S-8358F53MC-MLMT2x
−
−
−
5.7 V
S-8358F57MC-MLQT2x
−
−
−
6.0 V
S-8358F60MC-MLTT2x
−
−
−
Table 11
Output
voltage
S-8358NxxMC
Series
S-8358PxxMC
Series
2.0 V
−
S-8358P20MC-O8FT2x
3.0 V
S-8358N30MC-O6PT2x
−
3.3 V
S-8358N33MC-O6ST2x
−
5.0 V
S-8358N50MC-O7JT2x
−
5.2 V
−
S-8358P52MC-O9LT2x
5.3 V
S-8358N53MC-O7MT2x
−
Remark 1. Please contact the SII Semiconductor Corporation marketing department for products with an output voltage other
than those specified above.
2. x: G or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com