Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8355 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8355
Description  STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8355 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8355 Datasheet HTML 8Page - Seiko Instruments Inc S8355 Datasheet HTML 9Page - Seiko Instruments Inc S8355 Datasheet HTML 10Page - Seiko Instruments Inc S8355 Datasheet HTML 11Page - Seiko Instruments Inc S8355 Datasheet HTML 12Page - Seiko Instruments Inc S8355 Datasheet HTML 13Page - Seiko Instruments Inc S8355 Datasheet HTML 14Page - Seiko Instruments Inc S8355 Datasheet HTML 15Page - Seiko Instruments Inc S8355 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 600 kHz, PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8355/56/57/58 Series
Rev.8.1_01
12
Absolute Maximum Ratings
Table 17
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Absolute maximum rating
Unit
VOUT pin voltage
VOUT
VSS
− 0.3 to VSS + 12
V
OFF
/
ON
pin voltage *1
OFF
/
ON
V
VSS
− 0.3 to VSS + 12
V
VDD pin voltage *2
VDD
VSS
− 0.3 to VSS + 12
V
EXT pin voltage
B, H, F, N type
VEXT
VSS
− 0.3 to VOUT + 0.3
V
Others
VSS
− 0.3 to VDD + 0.3
V
EXT pin current
IEXT
±80
mA
Power dissipation
SOT-23-3
PD
150 (When not mounted on board)
mW
430*3
mW
SOT-23-5
250 (When not mounted on board)
mW
600*3
mW
SOT-89-3
500 (When not mounted on board)
mW
1000*3
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1.
With shutdown function
*2.
For VDD / VOUT separate type
*3.
When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Name :
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
1200
800
0
Ambient temperature (Ta) [
°C]
SOT-89-3
400
1000
200
600
SOT-23-5
SOT-23-3
SOT-23-3
SOT-89-3
SOT-23-5
600
400
0
200
0
50
100
150
Ambient temperature (Ta) [
°C]
Figure 8 Power Dissipation of The Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com